Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBB-6 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # MBB-6
Description  Multi-Mod 6 zone interface module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MBB-6 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  MBB-6 Datasheet HTML 1Page - Gamewell-FCI by Honeywell MBB-6 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VelocitiSeries
MM0-6SF
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2006 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0634 Rev. C page 1 of 2
Description
The FCI Velociti™ Series, multi-mod six signal
output module (MMO-6SF) provides six (6), Style Y
(Class B) or three (3), Style Z (Class A) supervised
control circuits suitable for a wide range of
signaling applications. Each supervised circuit may
be used as a:
• Audio speaker circuit.
• Notification applicance circuit.
• Supervised control output.
The
Velociti
TM
Series
use
a
communication
protocol that substantially increases the speed of
communication between the sensors and certain
FCI analog addressable fire alarm controls. These
devices operate in a grouped fashion. If one of the
devices in the group has a status change, the
panel’s microprocessor stops the group poll and
concentrates on the single device. The net effect is
response speed up to five times greater than
earlier designs.
The MMO-6SF connects to the signaling line
circuits (SLC) of the FCI analog addressable series
fire alarm control panels. Each of the MMO-6SF
supervised
control
circuits
occupies
its
own
address on the system’s SLC allowing each to be
fully
programmable
in
its
control-by-event
sequence of operation.
The address of the first supervised output circuit is
set with a pair of rotary dials. Each remaining
circuit
is
automatically
assigned
to
its
own
subsequent
address.
The
MMO-6SF
module
includes an address disable jumper matrix that
allows one, two, or three addresses to be turned off
to free these addresses for other purposes. An
additional jumper setting selects either Style Y or
Style Z circuit configurations. A wide range of
configurations are possible including 30 VDC,
audio input at 25 or 70.7 VRMS, 125 VAC, etc. More
than one circuit can share a power supply if the
current capacity does not exceed the power
supply’s output.
Velocitiand E3 Seriesare trademarks of Fire Control Instruments.
Multi-MOD Six Signal
Output Module
Features
Each MMO-6SF module provides six (6), Style Y
(Class B) or three (3), Style Z (Class A) individually
addressable, individually programmable notification
appliance or supervised output circuits.
Removable wiring terminal blocks allow ease of
installation and servicing.
Terminal blocks can accommodate 12 to 18 AWG
wire.
Flexible jumper configuration feature allowing up to
three (3), output circuit addresses to be disabled.
Accommodates multiple external power inputs.
External power monitoring.
Short circuit protection of external power supplies.
Sources providing AC, DC, or audio inputs.
Designed for use with FCI analog addressable series
fire alarm control panels.
Individual LED indicators*.
Ideal for retrofit applications.
Two (2), mounting cabinets available for two (2),
(MBB-2 cabinet) to six (6), (MBB-6 cabinet) units
.
Note: *Only the red LED is operative in panels that do not oper-
ate in Velociti™ mode.
An ISO 9001-2000 Company
MMO-6SF


Similar Part No. - MBB-6

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MBB-6 GAMEWELL-FCI-MBB-6 Datasheet
88Kb / 2P
   Multi-mod 10 input module
MBB-6 GAMEWELL-FCI-MBB-6 Datasheet
76Kb / 2P
   Multi-mod relay output
MBB-6 GAMEWELL-FCI-MBB-6 Datasheet
107Kb / 2P
   Multi-Mod 6 zone interface module
More results

Similar Description - MBB-6

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MMI-6SF GAMEWELL-FCI-MMI-6SF Datasheet
107Kb / 2P
   Multi-Mod 6 zone interface module
CZM-SS GAMEWELL-FCI-CZM-SS Datasheet
226Kb / 4P
   Six-Zone Addressable Interface Module
MMI-10F GAMEWELL-FCI-MMI-10F Datasheet
88Kb / 2P
   Multi-mod 10 input module
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Microsemi Corporation
MM196 MICROSEMI-MM196 Datasheet
66Kb / 1P
   6 MOSFET Multi-Chip Module
logo
Gamewell-FCI by Honeywe...
MMO-6RF GAMEWELL-FCI-MMO-6RF Datasheet
76Kb / 2P
   Multi-mod relay output
logo
HARTING Technology Grou...
19-41-001-2600 HARTING-19-41-001-2600 Datasheet
462Kb / 2P
   Han-Eco Mod.-PE module-m 16-6 AWG
19-41-001-2700 HARTING-19-41-001-2700 Datasheet
459Kb / 2P
   Han-Eco Mod.-PE module-f 16-6 AWG Modules
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
HARTING Technology Grou...
19-41-006-0301 HARTING-19-41-006-0301 Datasheet
457Kb / 2P
   Han-Eco Mod.6-HBM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com