Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATD-HL2F Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ATD-HL2F
Description  Addressable thermal sensor, fixed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ATD-HL2F Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ATD-HL2F Datasheet HTML 1Page - Gamewell-FCI by Honeywell ATD-HL2F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2008 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0620 Rev. C3 page 1 of 2
Velociti® Series
ATD-L2F, ATD-RL2F
Addressable Thermal Sensor
Description
The Gamewell-FCI Velociti® Series, addressable plug-in
thermal sensors with integral communication provide fea-
tures that surpass conventional sensors. Point ID capabil-
ity allows each sensor’s address to be set, providing exact
locations for pinpointing alarm locations and for selective
maintenance. ATD thermal sensors use an innovative ther-
mistor sensing circuit to produce 135°F/57°C fixed-temper-
ature (ATD-L2F). The ATD-RL2F provides a combination
15°/minute rate-of-rise with 135° fixed thermal detection
that is included in a low-profile package. The ATD-HL2F
provides fixed high-temperature detection at 190°F/88°C.
These thermal sensors provide cost-effective, addressable
property protection in a variety of applications.
The Velociti® Series uses a communication protocol that
substantially increases the speed of communication
between the sensors and Gamewell-FCI analog address-
able fire alarm controls. These devices operate in a
grouped fashion. If one of the devices in the group has a
status change, the panel’s microprocessor stops the group
poll and concentrates on the single device. The net effect
is response speed up to five times greater than earlier
designs.
Installation
ATD plug-in sensors use a separate base to simplify instal-
lation, service, and maintenance. A special tool allows
maintenance personnel to plug-in and remove sensors
without using a ladder.
Mount the base on a box which is at least 1.5" (3.8 cm)
deep. Suitable mounting base boxes include:
• 4.0" (10.2 cm) square box.
• 3.5" (8.9 cm) or 4.0" (10.2 cm) octagonal box.
• Single-gang box (except relay or isolator base).
• With B501BH or B501BHT base, use a 4.0" (10.2 cm)
square box.
• With B224RB or B224BI base, use a 3.5" (8.9 cm)
octagonal box, or a 4.0" (10.2 cm) octagonal or square
box.
NOTE: Because of the inherent supervision provided by
the SLC, end-of-line resistors are not required. Wiring “T-
taps” or branches are permitted for Style 4 (Class “B”)
wiring.
Velociti® and E3 Series® are registered trademarks of Honeywell
International Inc.
UL® is a registered trademark of Underwriters Laboratories Inc.
Features
• Sleek, low-profile design
• Visual rotary switch addressing
• Built-in functional test switch activated by an external
magnet
• Bicolor LEDs flash green whenever the sensor is
addressed, and light steadily red on alarm*
• Optional relay, isolator, or sounder bases
• Low standby current
• Addressable communication
• Stable communication technique with noise immunity
• Optional remote, single-gang LED accessory
(RA-400Z)
• Suitable for installation in ducts
Note: *Only the red LED is operative in panels that do not operate
in Velociti® mode.
ATD-L2F
An ISO 9000-2000 Company
APPROVED
FM
3023594
SIGNALING
07270-0694:256
S2332
MEA
Approved
219-02-E Vol.VI


Similar Part No. - ATD-HL2F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATD-1 PAIRUI-ATD-1 Datasheet
489Kb / 4P
   AC-DC Converter
ATD-10 PAIRUI-ATD-10 Datasheet
527Kb / 4P
   AC-DC Converter
ATD-12 PAIRUI-ATD-12 Datasheet
587Kb / 4P
   AC-DC Converter
ATD-15 PAIRUI-ATD-15 Datasheet
625Kb / 4P
   AC-DC Converter
ATD-20 PAIRUI-ATD-20 Datasheet
669Kb / 4P
   AC-DC Converter
More results

Similar Description - ATD-HL2F

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
   Intelligent Addressable Plug-In Thermal (Heat) Detectors
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
logo
Nuvoton Technology Corp...
NCT7717U NUVOTON-NCT7717U Datasheet
654Kb / 19P
   Thermal Sensor IC
NCT7718W NUVOTON-NCT7718W Datasheet
862Kb / 26P
   Thermal Sensor IC
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com