Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2451T Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # 2451T
Description  Photoelectronic Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

2451T Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  2451T Datasheet HTML 1Page - Gamewell-FCI by Honeywell 2451T Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The System Sensor 2451 Series photoelectronic smoke de-
tectors are specifically designed to meet the performance re-
quirements of fire detection/alarm systems. The 2451 and
2451T detectors use state-of-the-art optical sensing cham-
bers and are designed so that LED failure will not cause an
alarm. The detectors are designed to provide open area detec-
tion and when installed in a two-wire base are compatible
with FCI fire alarm control panels. The detectors operation
and sensitivity can be tested in place. The Model 2451T unit
has the same specifications as the Model 2451, but also fea-
tures a built-in fixed temperature (135
o F) thermal detection
unit.
The detectors are of plug-in construction and plug into the
same base as the 1451 series ionization smoke detectors,
making both models interchangeable. Bases are available for
two-wire, four-wire, and 120 VAC four-wire operation.
Two visible LEDs on each detector flash every ten seconds
indicating that power is being applied to the detector. The
LEDs light steadily when the detector is in alarm. A remote
LED annunciator is available as an optional accessory.
The 2451 is UL Listed for mounting inside ducts up to a ve-
locity of 3,000 FPM.
Sensitivity testing is performed either by applying a test
magnet or inserting a calibrated test card according to the test
procedures. Field metering of detector sensitivity may be
performed with the aid of a voltmeter and Test Kit,
MOD 400R.
APPROVALS
TECHNICAL SPECIFICATIONS
Nominal sensitivity
3.0 %/ft.
Operating voltage
8.5 - 35 VDC (24 VDC nominal)
Operating temperature
32
o to- 120o F(0o to 49o C)
Operating humidity
0%-93% relative humidity
Air velocity
3,000 feet per minute maximum
Construction
Off-white flame retardant plastic
Diameter
6.2 inches (15.7 cm)
Height
3.3 inches (8.2 cm)
Weight
0.5 lb. (277 g)
2451
SYSTEM SENSOR
PHOTOELECTRONIC
SMOKE DETECTOR
9020-0585/Ver. 1.1
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
FEATURES
· Easy plug-in of the Head to Base
· Built-in Tamper-resistant Feature
· Built-in Test Switch
· Built-in Visual Alarm Indicators
· 360o View Angle Of Alarm LEDs
· Compatible with FCI Control Panels
· Field Metering of Detector Sensitivity
· Removable Insect Screen and Cover
for Field Cleaning
· Sealed against Dirt, Insects, and
Back Pressure
· Insect-resistant screening
(.020"/.508 mm openings)
An ISO 9001 Certified Company


Similar Part No. - 2451T

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2451 SYSTEMSENSOR-2451 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
logo
KR Electronics, Inc.
2451 KR-2451 Datasheet
22Kb / 2P
   Bandpass Filter
logo
Pomona Electronics
2451 POMONA-2451 Datasheet
21Kb / 1P
   BNC Female Panel Receptacle
logo
Heyco.
2451 HEYCO-2451 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
KR Electronics, Inc.
2451-S KR-2451-S Datasheet
48Kb / 2P
   140 MHz Bandpass
More results

Similar Description - 2451T

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
2400 GAMEWELL-FCI-2400 Datasheet
59Kb / 2P
   Photoelectronic Detector
2151 GAMEWELL-FCI-2151 Datasheet
90Kb / 2P
   Photoelectronic detector
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
400SERIES SYSTEMSENSOR-400SERIES Datasheet
288Kb / 4P
   Direct-Wire Photoelectronic Smoke Detector
2100TR SYSTEMSENSOR-2100TR Datasheet
109Kb / 4P
   Photoelectronic Smoke Detector with Fixed Heat
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
   Photoelectronic Smoke detector with Electronic Heat Sensing
A05-0194 SYSTEMSENSOR-A05-0194 Datasheet
283Kb / 4P
   400 Series Direct-Wire Photoelectronic Smoke Detector
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com