Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014DJ Datasheet(PDF) 5 Page - Texas Instruments

Part # LT1014DJ
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DJ Datasheet(HTML) 5 Page - Texas Instruments

  LT1014DJ Datasheet HTML 1Page - Texas Instruments LT1014DJ Datasheet HTML 2Page - Texas Instruments LT1014DJ Datasheet HTML 3Page - Texas Instruments LT1014DJ Datasheet HTML 4Page - Texas Instruments LT1014DJ Datasheet HTML 5Page - Texas Instruments LT1014DJ Datasheet HTML 6Page - Texas Instruments LT1014DJ Datasheet HTML 7Page - Texas Instruments LT1014DJ Datasheet HTML 8Page - Texas Instruments LT1014DJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V, VIC = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
T †
LT1014C
LT1014DC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIO
Input offset voltage
RS =50 Ω
25
°C
60
300
200
800
µV
VIO
Input offset voltage
RS = 50 Ω
Full range
550
1000
µV
a
V
IO
Temperature coeficient
of input offset voltage
Full range
0.4
2.5
0.7
5
µV/°C
Long-term drift
of input offset voltage
25
°C
0.5
0.5
µV/mo
IIO
Input offset current
25
°C
0.15
1.5
0.15
1.5
nA
IIO
Input offset current
Full range
2.8
2.8
nA
IIB
Input bias current
25
°C
–12
–30
–12
–30
nA
IIB
Input bias current
Full range
–38
–38
nA
VICR
Common-mode
input voltage range
25
°C
–15
to
13.5
–15.3
to
13.8
–15
to
13.5
–15.3
to
13.8
V
ICR
input voltage range
Full range
–15
to 13
–15
to 13
VOM
Maximum peak output
RL =2kΩ
25
°C
±12.5
±14
±12.5
±14
V
VOM
voltage swing
RL = 2 kΩ
Full range
±12
±12
V
L
i
l diff
ti l
VO = ±10 V,
RL = 600 Ω
25
°C
0.5
2
0.5
2
AVD
Large-signal differential
voltage amplification
VO = ±10 V
RL =2kΩ
25
°C
1.2
8
1.2
8
V/
µV
voltage am lification
VO = ±10 V,
RL = 2 kΩ
Full range
0.7
0.7
CMRR
Common-mode
VIC = –15 V to 13.5 V
25
°C
97
117
97
117
dB
CMRR
rejection ratio
VIC = –15 V to 13 V
Full range
94
94
dB
kSVR
Supply-voltage
rejection ratio
VCC
± = ±2Vto ±18 V
25
°C
100
117
100
117
dB
kSVR
rejection ratio
(
∆VCC/∆VIO)
VCC
± = ±2 V to ±18 V
Full range
97
97
dB
Channel separation
VO = ±10 V,
RL = 2 kΩ
25
°C
120
137
120
137
dB
rid
Differential
input resistance
25
°C
70
300
70
300
M
ric
Common-mode
input resistance
25
°C
4
4
G
ICC
Supply current
25
°C
0.35
0.55
0.35
0.55
mA
ICC
y
per amplifier
Full range
0.6
0.6
mA
† Full range is 0
°C to 70°C.
‡ All typical values are at TA = 25°C.


Similar Part No. - LT1014DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014D TI-LT1014D Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D TI1-LT1014D Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
LT1014D-EP TI1-LT1014D-EP Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - LT1014DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27M4 TI1-TLC27M4_15 Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com