Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1224MC Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # P1224MC
Description  SELECTABLE OUTPUT STROBES AND HORNS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

P1224MC Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  P1224MC Datasheet HTML 1Page - Gamewell-FCI by Honeywell P1224MC Datasheet HTML 2Page - Gamewell-FCI by Honeywell P1224MC Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIRE CONTROL INSTRUMENTS
16 Southwest Park, Westwood, MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com
A Honeywell Company
Specifications are provided for information only, and are not intended to be used for installation purposes and are believed to be accurate.
However, no responsibility is assumed by Fire Control Instruments for their use. Specifications subject to change without notice.
© 2003 All Rights Reserved
9020-0562/Ver. 1.2 / Page 3 of 3
SpectrAlert
Selectable Output
Strobe and Horn/Strobe
Specifications
Walk Test
SpectrAlert horn/strobe and horn only operate on
“walk tests” with time durations of 4 seconds
or greater
Input terminals
12 to 18 AWG
Dimensions
Strobe and horn/strobe with universal plate
5” x 5 5/8” x 2 15/16
Strobe and horn/strobe with small
footprint plate
3 3/8” x 5 5/8” x 2 5/16
Horn with universal mounting plate
5” x 5 5/8” x 1 5/16
Horn without mounting plate
2 15/16” x 5 5/16” x 15/16
Weight, horn only
7.2 0z.
Weight, strobe and horn/strobe
8.8 oz.
Mounting
4” x 4”x 1 1/2” or 2” x 4” x 17/8
standard boxes
Indoor operating temperature
32°F to 120°F (0°C to 49°C)
Maximum humidity
95% as tested per UL464
Weatherproof (horn and horn/strobe)
Operating temperature
32°F to 150°F (0°C to 66°C)
(Weatherproof strobe only)
-40°F to 158°F (-40°C to 70°C)
Voltages
12 or 24VDC and FWR unfiltered
Operating Voltage Range*
12V: 8-17.5 V; 24V: 16-33 V
Operating Voltage Range
(with Sync•Circuit module MDL)
12V: 9-17.5 V; 24V: 17-33 V
* These products should be operated within their rated
voltage range; UL does test functional integrity to-20%
and +10% of manufacturer’s stated ranges.
Ordering Information
Description
Red
White
WP
Voltage
Candela
Avg.mA*
Avg.mA*
@Nom. VDC
@Nom. VDC
Horn/Strobes
P1224M
P1224MCW
P1224MCK 12/24
Selectable:
-
-
15, 15/75, 30, 75, 110*
Strobes
S1224MC S1224MCW
S1224MCK 12/24
Selectable:
-
-
15, 15/75, 30, 75, 110*
*NOTE: Strobes available for 12 V operation in 15 and 15/75 cd only
Accessories
Sync. Circuit Module MDL
MDLW
12/24
NA
10/11
12/15
Small Mtg Plate for
SMP
SMPW
NA
NA
NA
NA
Single Gang
Surf. Mt. Back
BBS
BBSW
NA
NA
NA
NA
box skirt
Universal Mtg. Plate
D-MP
D-MPW
NA
NA
NA
NA
(replacement)


Similar Part No. - P1224MC

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P1224MC SYSTEMSENSOR-P1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
P1224MCK SYSTEMSENSOR-P1224MCK Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
P1224MCP SYSTEMSENSOR-P1224MCP Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
P1224MCPW SYSTEMSENSOR-P1224MCPW Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
P1224MCSP SYSTEMSENSOR-P1224MCSP Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results

Similar Description - P1224MC

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
   Selectable Output Outdoor Wall Speaker/Strobes
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
   Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
   Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com