Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD-1 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # FLD-1
Description  Fiber Optic Line Driver Module with Back Box
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FLD-1 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FLD-1 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FLD-1 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FLD-1 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FLD-1 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Can be used to transmit the FCINET ®
RS-485 data between a 7200 fire alarm
control panel, and up to fifteen (15)
Distributed Intelligent Units (DIU) via
Fiber Optic Cable
Provides a Fiber Optic connection
between the 7100 and 7200 Series fire
alarm control panel and multiple
annunciators
Allows a Fiber Optic cable link between
a Personal Computer, Printer or Video
Terminal to 7100 and 7200 Series Fire
AlarmControlSystemsoverlongdistances
Tolerates up to 10 dB signal loss between
each FLD-1 module
Fiber Optic Cable offers High Immunity
from Interference, Transients and Volt-
age Spikes
• Automatically adjusts to different
RS-232 Baud rates
• Uses Industry Standard ST Connectors
FIBER OPTIC LINE
DRIVER MODULE
.
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The Fiber Optic Line Driver module
(FLD-1) provides fiber optic cable communi-
cations between system modules that will be
free of ground faults, transients, or noise in-
terference. This affords greater reliability and
is a more robust application for those instal-
lations requiring communications running
outdoors between structures. It connects to
the RS-232 and RS-485 ports of the FCI 7100
and 7200 Series fire alarm control panels.
The FLD-1 converts either RS-232 or RS-
485 signals to a powerful optical signal that
can tolerate a signal loss of up to 10 dB. It
uses half duplex data flow, an asynchronous
protocol, and runs at speeds of up to 19.2
KBps for RS-232 and 128 KBps for RS-485
communications.
The FLD-1 is equipped with ST connec-
tors that will support standard fiber optic
cable up to 200 microns (multimode). Opti-
mal results can be achieved with 62.5/125
micron cable.
The FLD-1 provides two modes of opera-
tion, the Network Mode or the Point-to-Point
Mode, selectable through DIP Switch settings
on board the FLD-1.
Network Mode
Network Mode
Network Mode
Network Mode
Network Mode
Using this mode the following configura-
tions are possible:
FLD-1
Specifications are provided for information only, and
are not intended to be used for installation purposes
and are believed to be accurate. However, no re-
sponsibility is assumed by Gamewell-FCI for their
use.
Specifications subject to change without notice.
© 2006
All Rights Reserved
www.gamewell-fci.com
9020-0517 Rev. D
Page 1 of 4
Point-to-Point Mode
When configured in the Point-to-Point
Mode, a single 7100 or 7200 Series control
panel may use its RS-232 port to connect
to a single printer, video terminal or per-
sonal computer (PC) via a fiber optic link.
Each location requires an FLD-1.
INSTALLATION
The FLD-1 module mounts inside its own
steel cabinet, which can be located up to
15 feet (4.6 meters) away, using rigid con-
duit. The dimensions of the cabinet are 10
1/4” W x 10” H x 3” D (26.04 x 25.40 x 7.62
cm).
Operating power for the FLD-1 is obtained
from the 7200 or 7100 panel, and is con-
nected to the FLD-1 via terminal block. RS-
485 connections are also made via termi-
nal block, and RS-232 connections are
made using a standard RJ-11 cable.
An ISO 9001 Company
An ISO 9001 Company
An ISO 9001 Company
An ISO 9001 Company
An ISO 9001 Company
The FCI 7200 RS-485 FCINET® can
be exported via Panel Bus Adapter
(PBA) or local Keyboard Display Unit
(KDU\L) from the main panel contain-
ing the System Control Unit (SCU)
to up to fifteen remotely located KDUs,
RemoteAnnunciator Units (RAUs), and
sub-panels containing the Distributed
Intelligent Unit (DIU). Each location re-
quires one FLD-1.
The RS-485 communication output
of the FCI 7100 can be converted to
an optical link and brought to as many
as five remotely located LCD-7100
alphanumeric displays or LDM-7100
remote annunciator drivers. Each
location requires an FLD-1.
A Honeywell Company


Similar Part No. - FLD-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLD00030 FAIRCHILD-FLD00030 Datasheet
592Kb / 7P
   Analog Ambient Light Sensor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
Gamewell-FCI by Honeywe...
FLD135 GAMEWELL-FCI-FLD135 Datasheet
126Kb / 1P
   FIXED TEMPERATURE HEAT DETECTOR
FLD200 GAMEWELL-FCI-FLD200 Datasheet
126Kb / 1P
   FIXED TEMPERATURE HEAT DETECTOR
More results

Similar Description - FLD-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88904 MICREL-SY88904 Datasheet
72Kb / 8P
   FIBER OPTIC MODULE CONTROLLER WITH APC
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
   Fiber Optic LED Driver
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
logo
Toshiba Semiconductor
TODX270 TOSHIBA-TODX270 Datasheet
174Kb / 9P
   FIBER OPTIC TRANSCEIVING MODULE
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
   FIBER OPTIC RECEIVING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
logo
COSMO Electronics Corp...
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com