Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700-01196 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 700-01196
Description  Five zone control communicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

700-01196 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  700-01196 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 700-01196 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0458 Rev. G page 2 of 2
Description (Continued)
Also programmable are Alarm Presignal Timer, Alarm
Verification Timer and Optional Trouble Reminder.
Specifications
Operating temperature: 32
° - 120° F (0° - 49° C)
Relative humidity:
85 % (non-condensing)
Dimensions:
Door
15 7/32" H x 14 7/32" W
(38.7 x 36.1 cm)
Backbox
15" H x 14 1/2" W x 3" D
(38.1 cm x 36.8 cm x 7.6 cm)
Trim Ring
18 1/8" H x 17 5/8" W
(46.0 cm x 44.8 cm)
• Ademoco 685
• Osborne Hoffman Models 1 / 2
• Silent Knight 9000
• Radionics 6000/6500
• ITI-CS-4000
• Sescoa 3000R
• FBI CP220FB
• Sur-guard MLR-2
UL Listed Receivers compatible with FC-10C:
Supervision of vital components, plug-in modules,
functional switches and standby batteries is pro-
vided. In addition, an optional serial annunciator
driver allows remote alarm annunciation.
Ordering Information
Part Number
Description
700-01190
FC-5C
(Five zone control communicator)
700-01191
FC-5C PCB
Five Zone Module, replacement board
700-01215
FC-5TR
Trim Ring
700-01192
PRT-24
Printer interface module - provides
RS-232 printer output.
Includes cable, DB9F and DB25
adapter.
700-01193
ADM-24
Annunciator driver module
700-01194
RZA-5
Remote zone annunciator, 5 zones
(requires one (1) ADM-24)
Mounts on single gang box.
700-01195
RM-5F
Five-relay module (contact-by-zone)
700-01196
CAC-5F
Class “A” initiating circuit converter
module
700-01197
SK-5C
Software kit (upload/download utility)
700-01221
XRM-FC5
120 VAC, I 00 VA transformer, ex-
pands NAC total power from 3.0 to
5.0 amperes.
600-90000
MCBL-7
DACT phone cord, 7 feet long
(2 required)


Similar Part No. - 700-01196

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
700-01192 GAMEWELL-FCI-700-01192 Datasheet
53Kb / 2P
   Ten zone control communicator
700-01198 GAMEWELL-FCI-700-01198 Datasheet
53Kb / 2P
   Ten zone control communicator
700-01199 GAMEWELL-FCI-700-01199 Datasheet
53Kb / 2P
   Ten zone control communicator
More results

Similar Description - 700-01196

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC-10C GAMEWELL-FCI-FC-10C Datasheet
53Kb / 2P
   Ten zone control communicator
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
SHENZHEN FUMAN ELECTRON...
SCTX2CS FUMAN-SCTX2CS Datasheet
271Kb / 7P
   Five-function remote control IC
SCTX2B FUMAN-SCTX2B Datasheet
269Kb / 7P
   Five-function remote control IC
logo
ASM GmbH
9334 ASM-SENSOR-9334 Datasheet
1Mb / 4P
   LOGGER COMMUNICATOR
logo
SHENZHEN FUMAN ELECTRON...
FMRX2AM FUMAN-FMRX2AM Datasheet
183Kb / 3P
   Five-function remote control receiving IC
logo
Gamewell-FCI by Honeywe...
190-90010 GAMEWELL-FCI-190-90010 Datasheet
61Kb / 1P
   ALARM COMMUNICATOR TRANSMITTER
logo
SHENZHEN FUMAN ELECTRON...
FMRX2M FUMAN-FMRX2M Datasheet
182Kb / 3P
   Five-function remote control receiving IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com