Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPD-7051 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # CPD-7051
Description  IONIZATION SMOKE DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CPD-7051 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  CPD-7051 Datasheet HTML 1Page - Gamewell-FCI by Honeywell CPD-7051 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTALLATION
Installation is simple because of the non-polarized
connection. The detector mounts to the base by a
twist-to-lock action. A removable locking tab secures
the head to the base to provide a degree of vandal
resistance. Units mount directly on a 3-inch round box,
3, 3.5 or 4-inch octagonal box, and 4-inch square box.
No adapters required.
NOTE: The number of two-wire smoke detectors
which can be accommodated per zone varies with the
different control panels. Consult the control panel
instruction manual to determine the capacity.
Refer to N.F.P.A. 72, Chapter 5-3 “Smoke Sensing
Fire Detectors” for spacing, location of detectors and
other guidelines.
MAINTENANCE
Cleaning programs should be adapted to the
individual environment in conformance with NFPA
Standard 72. We recommend, at the least, an annual
cleaning of dust from the detector head by using the
suction from a vacuum cleaner. Refer to the
installation instructions for the complete
procedure.
2of2
9020-0303 Rev. H
DIMENSIONAL DATA
TABLE I
DETECTOR BASE OPTIONS
Model
Compatibility
Description
Identifier
2-Wire
FE51A
Connects to 2-wire detection circuit via screw terminals.
2WRLT
FE52A
As above except has output for remote test and LED indicator.
2WRB
FE55A
Connects to 2-wire detection circuit via wire-leads.
Has remote test feature, LED indicator and SPDT auxiliary relay
rated 1 amp. @ 30 VDC. Minimum alarm current: .019 amp.
(maximum of 1 per zone)
4WRB
N/A
Connects to 4-wire detection circuit via wire-leads.
Equipped with SPDT auxiliary relay rated 2 amp. @ 30 VDC.
Minimum alarm current .015 amp.
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Gamewll-FCI for their use. Specifications subject to change without notice.
©2006 All Rights Reserved.
TABLE II
ORDERING INFORMATION
Model
Compatibility
Description
Identifier
CPD-7051
I51FE1
Ionization smoke detector.
MA-001
Adapter to allow mounting to existing CPD series bases.
2WRM
Relay component of 2WRB.
4WRM
Relay component of 4WRB
2040-24
End of line supervisory relay, 24 VDC.
RAI-2
Remote alarm indicator.
RCM-500
Remote alarm indicator /key test switch.
WARNING: To prevent detector contamination
during construction, smoke detectors must be
protected from dust and contamination until the
area is clean and dust free. See NFPA 72
CAUTION: Do not attempt disassembly of the
factory sealed smoke detector. This assembly
is sealed for your protection and is not to be
opened for servicing. Opening of the detector
will void the warranty.


Similar Part No. - CPD-7051

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CPD-7051D GAMEWELL-FCI-CPD-7051D Datasheet
53Kb / 2P
   Duct Housing, 4-wire, less detector head
More results

Similar Description - CPD-7051

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
   System Sensor Ionization Smoke Detector
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
Systemsensor advanced i...
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com