Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


T-10506 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10506
Description  ISDN S-Interface Dual Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
T-10506
3/24/94
1 OF 1
SCHEMATIC DIAGRAM
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
ISDN S-Interface Dual Transformer
Compatible With AT&T T7256
UL 1459 Recognized
R
PR I
S E C
Oscillation Voltage = 500mV
Oscillation Frequency = 10.0 KHz
1. Connect 2 & 3
2. Connect 6 & 7
Parts shipped in anti-static
tubes. 18 pieces per tube
Turns Ratio Pins 1-4:16-13 & 5-8:12-9
1:2.5 & 1:2.5
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
22
mHy
1-4 (1)
5-8 (2)
Leakage Inductance
1-4 (1) Short 16-13
4
µHy
5-8 (2) Short 12-9
4
µHy
Interwinding Capacitance (C
W/W)
1-4 (1) & 16-13 (3)
100
pF
5-8 (2) & 12-9 (4)
100
pF
Distributed Parallel Capacitance
1-4 (1)
180
pF
5-8 (2)
100
pF
Primary DC Resistance: 1-4 (1) ; 5-8 (2)
2.30
ohms
Secondary DC Resistance:16-13 ;12-9
5.80
ohms
Isolation (HI-POT)
2400
V
RMS
MEETS THE PULSE WAVEFORM
TEMPLATE OF CCITT I.430.
Primary is Line Side
Unbalanced current at TE:
∆ Idc = 1 mA max.
Longitudinal Conversion Loss - 10KHz to 300
KHz: 60dB min.
Physical Dimensions in inches (mm)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-10500ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-10501ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-10502ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-10503ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-10504ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-10505ISDN S-Interface Dual Transformer 1 Rhombus Industries Inc.
T-18300ISDN S-Interface Low Profile SMT Dual Transformers 1 Rhombus Industries Inc.
TPW5624ISDN U-Bus Input/Output Transformer 1 Filtran LTD
T-1269ISDN U-Interface Transformer 1 Rhombus Industries Inc.
82219E1/T1/ PRI/CEPT Dual SMD Transformer Modules 1 Nuvotem Talema

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl