Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162823CTPACT Datasheet(PDF) 5 Page - Texas Instruments

Part # 74FCT162823CTPACT
Description  18-Bit Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162823CTPACT Datasheet(HTML) 5 Page - Texas Instruments

  74FCT162823CTPACT Datasheet HTML 1Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 2Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162823CTPACT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16823T
CY74FCT162823T
5
Switching Characteristics Over the Operating Range[15]
CY74FCT16823AT
CY74FCT162823AT
Parameter
Description
Condition[16]
Min.
Max.
Unit
Fig.No.[16]
tPLH
tPHL
Propagation Delay CLK to Q
CL=50 pF
RL=500Ω
1.5
10.0
ns
1, 5
CL=300 pF
[17]
RL=500Ω
1.5
20.0
tPHL
Propagation Delay CLR to Q
CL=50 pF
RL=500Ω
1.5
14.0
ns
1, 5
tPZH
tPZL
Output Enable Time OE to Q
CL=50 pF
RL=500Ω
1.5
12.0
ns
1, 7, 8
CL=300 pF
[17]
RL=500Ω
1.5
23.0
tPHZ
tPLZ
Output Disable Time OE to Q
CL=5 pF
[17]
RL=500Ω
1.5
7.0
ns
1, 7, 8
CL=50 pF
RL=500Ω
1.5
8.0
tSU
Set-Up Time HIGH or LOW, D to CLK
CL=50 pF
RL=500Ω
3.0
ns
4
tH
Hold Time HIGH or LOW, D to CLK
1.5
ns
4
tSU
Set-Up Time HIGH or LOW, CLKEN to CLK
3.0
ns
9
tH
Hold Time HIGH or LOW CLKEN to CLK
0.0
ns
9
tW
CLK Pulse Width HIGH or LOW
6.0
ns
5
tW
CLR Pulse Width LOW
6.0
ns
5
tREM
Recovery Time CLR to CLK
6.0
ns
6
tSK(O)
Output Skew[18]
0.5
ns
Switching Characteristics Over the Operating Range[15]
CY74FCT16823CT
CY74FCT162823CT
CY74FCT16823ET
CY74FCT162823ET
Parameter
Description
Condition[16]
Min.
Max.
Min.
Max.
Unit
Fig.No.[16]
tPLH
tPHL
Propagation Delay
CLK to Q
CL=50 pF
RL=500Ω
1.5
6.0
1.5
4.4
ns
1, 5
CL=300 pF
[17]
RL=500Ω
1.5
12.5
1.5
8.0
tPHL
Propagation Delay
CLR to Q
CL=50 pF
RL=500Ω
1.5
6.1
1.5
4.4
ns
1, 5
tPZH
tPZL
Output Enable Time
OE to Q
CL=50 pF
RL=500Ω
1.5
5.5
1.5
4.4
ns
1, 7, 8
CL=300 pF
[17]
RL=500Ω
1.5
12.5
1.5
9.0
tPHZ
tPLZ
Output Disable Time
OE to Q
CL=5 pF
[17]
RL=500Ω
1.5
5.2
1.5
3.6
ns
1, 7, 8
CL=50 pF
RL=500Ω
1.5
6.5
1.5
3.6


Similar Part No. - 74FCT162823CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162823CTPACT TI1-74FCT162823CTPACT Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results

Similar Description - 74FCT162823CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Texas Instruments
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
   4-Bit Registers
logo
Texas Instruments
CY74FCT163374 TI1-CY74FCT163374 Datasheet
133Kb / 10P
[Old version datasheet]   16-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com