Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT163H952CPVCT Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT163H952CPVCT
Description  16-Bit Registered Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT163H952CPVCT Datasheet(HTML) 4 Page - Texas Instruments

  74FCT163H952CPVCT Datasheet HTML 1Page - Texas Instruments 74FCT163H952CPVCT Datasheet HTML 2Page - Texas Instruments 74FCT163H952CPVCT Datasheet HTML 3Page - Texas Instruments 74FCT163H952CPVCT Datasheet HTML 4Page - Texas Instruments 74FCT163H952CPVCT Datasheet HTML 5Page - Texas Instruments 74FCT163H952CPVCT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY74FCT163952
CY74FCT163H952
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[7]
Max.
Unit
ICCD
Dynamic Power Supply
Current[13]
VCC=Max., One Input Toggling,
50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply
Current[14]
VCC=Max., f1=10 MHz, 50%
Duty Cycle, Outputs Open, One
Bit Toggling, OE=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC–0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f1=2.5 MHz, 50%
Duty Cycle, Outputs Open, Six-
teen Bits Toggling, OE=GND
VIN=VCC or
VIN=GND
2.0
3.0[15]
mA
VIN=VCC–0.6V or
VIN=GND
2.0
3.3[15]
mA
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[16,17]
Parameter
Description
CY74FCT163952A
CY74FCT163952C
CY74FCT163H952C
Min.
Max.
Min.
Max.
Unit
Fig. No.[18]
tPLH
tPHL
Propagation Delay Data to
Output
1.5
4.8
1.5
4.4
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
6.2
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.6
1.5
5.2
ns
1, 7, 8
tSK(O)
Output Skew[19]
0.5
0.5
ns
Notes:
13. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
14. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
15. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
16. Minimum limits are specified but not tested on Propagation Delays.
17. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.
18. See “Parameter Measurement Information” in the General Information section.
19. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Ordering Information CY74FCT163952
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
CY74FCT163952CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163952CPVC/PVCT
O48
48-Lead (300-Mil) SSOP
4.8
CY74FCT163952APVC/PVCT
O48
48-Lead (300-Mil) SSOP
Industrial
Ordering Information CY74FCT163H952
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
74FCT163H952CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163H952CPVC
O48
48-Lead (300-Mil) SSOP
74FCT163H952CPVCT
O48
48-Lead (300-Mil) SSOP


Similar Part No. - 74FCT163H952CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT163H952CPVCT TI1-74FCT163H952CPVCT Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT163H952CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com