Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCT162240CTPACTE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # FCT162240CTPACTE4
Description  16-Bit Buffers/Line Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FCT162240CTPACTE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button FCT162240CTPACTE4 Datasheet HTML 3Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 4Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 5Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 6Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 7Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 8Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 9Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 10Page - Texas Instruments FCT162240CTPACTE4 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - FCT162240CTPACTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FCT162245ATPACTE4 TI-FCT162245ATPACTE4 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
FCT162245ATPACTG4 TI-FCT162245ATPACTG4 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
FCT162245ATPVCTG4 TI-FCT162245ATPVCTG4 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
FCT162245CTPACTE4 TI-FCT162245CTPACTE4 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
FCT162245CTPACTG4 TI-FCT162245CTPACTG4 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
More results

Similar Description - FCT162240CTPACTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI1-CY74FCT16244T_15 Datasheet
704Kb / 15P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com