Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT163H245APVCT Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT163H245APVCT
Description  16-Bit Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT163H245APVCT Datasheet(HTML) 3 Page - Texas Instruments

  74FCT163H245APVCT Datasheet HTML 1Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 2Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 3Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 4Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 5Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 6Page - Texas Instruments 74FCT163H245APVCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY74FCT163245
CY74FCT163H245
3
Electrical Characteristics For Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±100
µA
IIL
Input LOW Current
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[9] VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold Input[9] VCC=Max., VI=1.5V
±500
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=VCC
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[7]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN≤0.2V,
VIN>VCC–0.2V
VCC=Max.
+40
µA
ICC
Quiescent Power supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[8]
VCC=Max.
+350
µA
Electrical Characteristics For Balanced Drive Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
45
180
mA
IODH
Output HIGH Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
–45
–180
mA
VOH
Output HIGH Voltage
VCC=Min., IOH= –0.1 mA
VCC–0.2
V
VCC=Min., IOH= –8 mA
2.4[10]
3.0
V
VCC=3.0V, IOH= –24 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL= 0.1mA
0.2
V
VCC=Min., IOL= 24 mA
0.3
0.55
Notes:
9.
Pins with bus hold are described in Pin Description.
10. VOH=VCC–0.6V at rated current.
Capacitance[6](TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF


Similar Part No. - 74FCT163H245APVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT163H245APVCT TI1-74FCT163H245APVCT Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
More results

Similar Description - 74FCT163H245APVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T_01 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163245 TI1-CY74FCT163245_05 Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com