Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163500CPVCT Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163500CPVCT
Description  18-Bit Registered Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163500CPVCT Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163500CPVCT Datasheet HTML 1Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 2Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 3Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 4Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 5Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 6Page - Texas Instruments CY74FCT163500CPVCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY74FCT163500
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[7]
Max.
Unit
ICC
Quiescent Power Supply Cur-
rent
VCC=Max.
VIN≤0.2V,
VIN≥VCC−0.2V
0.1
10
µA
∆I
CC
Quiescent Power Supply Cur-
rent (TTL inputs HIGH)
VCC=Max.
VIN=VCC–0.6V
[10]
2.0
30
µA
ICCD
Dynamic Power Supply
Current[11]
VCC=Max., One Input Toggling,
50%DutyCycle,OutputsOpen,
OEAB=OEBA=VCC or GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply Current[12]
VCC=Max., f0=10 MHz
(CLKAB), f1=5 MHz, 50% Duty
Cycle, Outputs Open,
One Bit Toggling,
OEAB=OEBA=VCC
LEAB=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC–0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f0=10 MHz,
f1=2.5 MHz, 50% Duty
Cycle, Outputs Open,
Eighteen Bits Toggling,
OEAB=OEBA=VCC
LEAB=GND
VIN=VCC or
VIN=GND
2.5
3.8[13]
mA
VIN=VCC–0.6V or
VIN=GND
2.6
4.1[13]
mA
Notes:
10. Per TTL driven input; all other inputs at VCC or GND.
11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
12. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0NC /2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
NC
=
Number of clock inputs changing at f1
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - CY74FCT163500CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500CPVCT TI1-CY74FCT163500CPVCT Datasheet
132Kb / 10P
[Old version datasheet]   18-Bit Registered Transceiver
More results

Similar Description - CY74FCT163500CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500 TI1-CY74FCT163500_05 Datasheet
132Kb / 10P
[Old version datasheet]   18-Bit Registered Transceiver
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com