Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT273TSOCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT273TSOCT
Description  8-Bit Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT273TSOCT Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT273TSOCT Datasheet HTML 1Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 2Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT273TSOCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY54/74FCT273T
3
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN ≤ 0.2V, VIN ≥ VCC-0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V, f1=0, Outputs Open
[8]
0.5
2.0
mA
ICCD
Dynamic Power Supply Current[9] VCC=Max., One Bit Toggling, 50% Duty Cycle,
Outputs Open, MR=VCC,
VIN ≤ 0.2V or VIN ≥ VCC-0.2V
0.06
0.12
mA/MHz
IC
Total Power Supply Current[10]
VCC=Max., f0=10 MHz, 50% Duty Cycle,
Outputs Open, One Bit Toggling at f1=5 MHz,
MR=VCC, VIN ≤ 0.2V or VIN ≥ VCC-0.2V
0.7
1.4
mA
VCC=Max., f0=10 MHz, 50% Duty Cycle,
Outputs Open, One Bit Toggling at f1=5 MHz,
MR=VCC, VIN=3.4V or VIN=GND
1.2
3.4
mA
VCC=Max., f0=10 MHz, 50% Duty Cycle,
Outputs Open, Eight Bits Toggling
at f1=2.5MHz, MR=VCC,
VIN ≤ 0.2V or VIN ≥ VCC-0.2V
1.6
3.2[11]
mA
VCC=Max., f0=10 MHz, 50% Duty Cycle,
Outputs Open, Eight Bits Toggling
at f1=2.5 MHz, MR=VCC,
VIN=3.4V or VIN=GND
3.9
12.2[11]
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC = Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH = Duty Cycle for TTL inputs HIGH
NT = Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1 = Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - CY74FCT273TSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT273TSOCT TI1-CY74FCT273TSOCT Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
More results

Similar Description - CY74FCT273TSOCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com