Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163373CPACT Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163373CPACT
Description  16-Bit Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163373CPACT Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163373CPACT Datasheet HTML 1Page - Texas Instruments CY74FCT163373CPACT Datasheet HTML 2Page - Texas Instruments CY74FCT163373CPACT Datasheet HTML 3Page - Texas Instruments CY74FCT163373CPACT Datasheet HTML 4Page - Texas Instruments CY74FCT163373CPACT Datasheet HTML 5Page - Texas Instruments CY74FCT163373CPACT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY74FCT163373
4
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[12,13]
Parameter
Description
CY74FCT163373C
Min.
Max.
Unit
Fig. No.[14]
tPLH
tPHL
Propagation Delay D to Q Output
1.5
4.1
ns
1, 3
tPLH
tPHL
Propagation Delay LE to Q Output
2.0
5.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.2
ns
1, 7, 8
tSU
Input Setup time
2.0
-
ns
1, 4
tH
Input Hold time
1.5
-
ns
1, 4
tSK(O)
Output Skew[15]
0.5
ns
Notes:
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
12. Minimum limits are specified but not tested on Propagation Delays.
13. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.
14. See “Parameter Measurement Information” in the General Information section.
15. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Ordering Information CY74FCT163373
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.2
CY74FCT163373CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163373CPVC/PVCT
O48
48-Lead (300-Mil) SSOP


Similar Part No. - CY74FCT163373CPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373CPACT TI1-CY74FCT163373CPACT Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
More results

Similar Description - CY74FCT163373CPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
NXP Semiconductors
74ABT16373B PHILIPS-74ABT16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com