Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT541TCERDIP Datasheet(PDF) 1 Page - Texas Instruments

Part # CY54FCT541TCERDIP
Description  8-Bit Buffers/Line Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT541TCERDIP Datasheet(HTML) 1 Page - Texas Instruments

  CY54FCT541TCERDIP Datasheet HTML 1Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 2Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 3Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 4Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 5Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 6Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 7Page - Texas Instruments CY54FCT541TCERDIP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8-Bit Buffers/Line Drivers
CY54/74FCT540T
CY54/74FCT541T
SCCS029 - May 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function, pinout, and drive compatible with FCT and
F logic
• FCT-C speed at 4.1 ns max. (Com’l)
FCT-A speed at 4.8 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• Sink current
64 mA (Com’l), 48 mA (Mil)
Source current
32 mA (Com’l), 12 mA (Mil)
• Extended commercial range of
−40˚C to +85˚C
Functional Description
The FCT540T inverting buffer/line driver and the FCT541T
non-inverting buffer/line driver are designed to be employed as
memory address drivers, clock drivers, and bus-oriented
transmitters/receivers. The devices provide speed and drive
capabilities
equivalent
to
their
fastest
bipolar
logic
counterparts while reducing power dissipation. The input and
output voltage levels allow direct interface with TTL, NMOS,
and CMOS devices without external components.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram—FCT540T
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
15
CERDIP/SOIC/QSOP
Top View
GND
O0
D1
D2
D3
D4
D5
D6
D7
D0
O1
O2
O3
O4
O5
O6
O7
OEB
OEA
O0
D1
D2
D3
D4
D5
D6
D7
D0
O1
O2
O3
O4
O5
O6
O7
OEB
OEA
FCT540T
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
15
CERDIP/DIP/SOIC/QSOP
Top View
GND
O0
D1
D2
D3
D4
D5
D6
D7
D0
O1
O2
O3
O4
O5
O6
O7
OEB
OEA
O0
D1
D2
D3
D4
D5
D6
D7
D0
O1
O2
O3
O4
O5
O6
O7
OEB
OEA
Logic Block Diagram—FCT541T
FCT541T


Similar Part No. - CY54FCT541TCERDIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT541TDMB TI1-CY54FCT541TDMB Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT541TDMB TI1-CY54FCT541TDMB Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT541TLMB TI1-CY54FCT541TLMB Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT541TLMB TI1-CY54FCT541TLMB Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY54FCT541TCERDIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com