Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJL21193 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # MJL21193
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJL21193 Datasheet(HTML) 1 Page - Savantic, Inc.

  MJL21193 Datasheet HTML 1Page - Savantic, Inc. MJL21193 Datasheet HTML 2Page - Savantic, Inc. MJL21193 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
MJL21193
DESCRIPTION
·With TO-3PL package
·Complement to type MJL21194
·Excellent gain linearity
APPLICATIONS
·Designed for high power audio output,disk
head positioners and linear applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VCBO
Collector-base voltage
Open emitter
-400
V
VCEO
Collector-emitter voltage
Open base
-250
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-16
A
ICM
Collector current-peak
-30
A
IB
Base current
-5
A
PD
Total power dissipation
TC=25
200
W
Tj
Junction temperature
-65~150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-C
Thermal resistance from junction to case
0.7
/W
Fig.1 simplified outline (TO-3PL) and symbol


Similar Part No. - MJL21193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193 Datasheet
159Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 7
MJL21193 ONSEMI-MJL21193 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
MJL21193 ONSEMI-MJL21193 Datasheet
132Kb / 6P
   Silicon Power Transistors
June, 2010 ??Rev. 6
logo
Inchange Semiconductor ...
MJL21193 ISC-MJL21193 Datasheet
240Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - MJL21193

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com