Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT543T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT543T
Description  8-Bit Latched Registered Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT543T Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT543T Datasheet HTML 1Page - Texas Instruments CY74FCT543T Datasheet HTML 2Page - Texas Instruments CY74FCT543T Datasheet HTML 3Page - Texas Instruments CY74FCT543T Datasheet HTML 4Page - Texas Instruments CY74FCT543T Datasheet HTML 5Page - Texas Instruments CY74FCT543T Datasheet HTML 6Page - Texas Instruments CY74FCT543T Datasheet HTML 7Page - Texas Instruments CY74FCT543T Datasheet HTML 8Page - Texas Instruments CY74FCT543T Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY54/74FCT543T
3
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[7]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=–32 mA
Com’l
2.0
V
VCC=Min., IOH=–15 mA
Com’l
2.4
3.3
V
VCC=Min., IOH=–12 mA
Mil
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
Com’l
0.3
0.55
V
VCC=Min., IOL=48mA
Mil
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[8]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VIN=VCC
5
µA
IIH
Input HIGH Current[8]
VCC=Max., VIN=2.7V
±1
µA
IIL
Input LOW Current[8]
VCC=Max., VIN=0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC=Max., VOUT = 2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC= Max., VOUT = 0.5V
–10
µA
IOS
Output Short Circuit Current[9]
VCC=Max., VOUT=0.0V
–60
–120
–225
mA
IOFF
Power-Off Disable
VCC=0V, VOUT=4.5V
±1
µA
Capacitance[8]
Parameter
Description
Typ.[7]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Notes:
7.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
8.
This parameter is specified but not tested.
9.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY74FCT543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT543T TI-CY74FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCT TI-CY74FCT543TQCT Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCTE4 TI-CY74FCT543TQCTE4 Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TQCTG4 TI-CY74FCT543TQCTG4 Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT543TSOC TI-CY74FCT543TSOC Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT543T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
[Old version datasheet]   8-Bit Latched Transceiver
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com