Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163CTQCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT163CTQCT
Description  4-Bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163CTQCT Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT163CTQCT Datasheet HTML 1Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 2Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 3Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 4Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 5Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 6Page - Texas Instruments CY74FCT163CTQCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-Bit Binary Counter
CY54/74FCT163T
SCCS015 - May 1994 - Revised February 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function, pinout, and drive compatible with FCT and
F logic
• FCT-C speed at 5.8 ns max. (Com’l),
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• Extended commercial range of
−40˚C to +85˚C
• Sink current
64 mA (Com’l),
32 mA (Mil)
Source current
32 mA (Com’l),
12 mA (Mil)
Functional Description
The FCT163T is a high-speed synchronous modulo-16 binary
counter. It is synchronously presettable for application in pro-
grammable dividers and has two types of count enable inputs
plus a terminal count output for versatility in forming synchro-
nous multi-staged counters. The FCT163T has a Synchronous
Reset input that overrides counting and parallel loading and
allows the outputs to be simultaneously reset on the rising
edge of the clock.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
Detail A
Q1
P0
Detail A
Q2
Detail A
Q3
D
Q
CP
D
Q
Q0
P1
P2
P3
TC
CEP
CP
Q0
Q0
Detail A
CP
PE
CET
CP
SR
4
8
9
10
11
12
76 5
1516 17 18
3
2
1
20
13
14
19
CET
PE
NC
CP
VCC
TC
CEP
GND
SR
Top View
LCC
NC
1
2
3
4
5
6
7
8
CP
P0
P1
P3
CEP
VCC
GND
Top View
SOIC/QSOP
16
15
14
13
12
11
10
9
SR
Q3
CET
PE
TC
Q0
Q1
Q2
P2


Similar Part No. - CY74FCT163CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163CTQCT TI1-CY74FCT163CTQCT Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
CY74FCT163CTQCTE4 TI1-CY74FCT163CTQCTE4 Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
CY74FCT163CTQCTG4 TI1-CY74FCT163CTQCTG4 Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
More results

Similar Description - CY74FCT163CTQCT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
   4-bit binary counter
1991 Feb 08
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
ON Semiconductor
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Renesas Technology Corp
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
   4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
   4-bit Binary Counter
logo
National Semiconductor ...
DM74LS293 NSC-DM74LS293 Datasheet
105Kb / 6P
   4-Bit Binary Counter
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
   4-Bit Binary Counter
REV 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com