Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT163T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT163T
Description  4-Bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT163T Datasheet(HTML) 3 Page - Texas Instruments

  CY54FCT163T Datasheet HTML 1Page - Texas Instruments CY54FCT163T Datasheet HTML 2Page - Texas Instruments CY54FCT163T Datasheet HTML 3Page - Texas Instruments CY54FCT163T Datasheet HTML 4Page - Texas Instruments CY54FCT163T Datasheet HTML 5Page - Texas Instruments CY54FCT163T Datasheet HTML 6Page - Texas Instruments CY54FCT163T Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY54/74FCT163T
3
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN≤0.2V, VIN≥VCC−0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V,
[8]
f1=0, Outputs Open
0.2
2.0
mA
ICCD
Dynamic Power Supply Current[9]
VCC=Max., One Bit Toggling, Load Mode,
50% Duty Cycle, Outputs Open,
CEP=CET=PE=GND,
SR=VCC, VIN≤0.2V or VIN≥VCC−0.2V
0.06
0.12
mA/MHz
IC
Total Power Supply Current[10]
VCC=Max., f0=10 MHz, Load Mode,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=5 MHz,
CEP=CET=PE=GND,
SR=VCC, VIN≤0.2V or VIN≥VCC−0.2V
0.7
1.4
mA
VCC=Max., f0=10 MHz, Load Mode,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=5 MHz,
CEP=CET=PE=GND, SR=VCC,
VIN=3.4V or VIN=GND
1.2
3.4
mA
VCC=Max., f0=10 MHz, Load Mode,
50% Duty Cycle, Outputs Open,
Four Bits Toggling at f1=5 MHz,
CEP=CET=PE=GND,
SR=VCC, VIN≤0.2V or VIN≥VCC−0.2V
1.6
3.2[11]
mA
VCC=Max., f0=10 MHz, Load Mode,
50% Duty Cycle, Outputs Open,
Four Bits Toggling at f1=5 MHz,
CEP=CET=PE=GND, SR=VCC,
VIN=3.4V or VIN=GND
2.9
8.2[11]
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
= Quiescent Current with CMOS input levels
∆I
CC
= Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - CY54FCT163T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT163T TI1-CY54FCT163T Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
CY54FCT163TLMB TI1-CY54FCT163TLMB Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
CY54FCT163T TI1-CY54FCT163T_08 Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
More results

Similar Description - CY54FCT163T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
   4-bit binary counter
1991 Feb 08
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
ON Semiconductor
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Renesas Technology Corp
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
   4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
   4-bit Binary Counter
logo
National Semiconductor ...
DM74LS293 NSC-DM74LS293 Datasheet
105Kb / 6P
   4-Bit Binary Counter
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
   4-Bit Binary Counter
REV 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com