Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-1408 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1408
Description  Fly Back Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1408 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1408 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 of 1
4/26/00
T-1408
Parameter
Min.
Typ.
Max.
Units
Inductance
59.4
66
72.6
µH
1-2
DC Resistance 1-2
32
m
DC Resistance 6-5
73
m
DC Resistance 7-8
73
m
Hi-Pot (1-2) to (6,5,7,8)
500
V
RMS
Turns Ratio
1 : 1.2 : 1.2
Schematic Diagram
2
1
7
8
6
5
TOP VIEW
Physical Dimensions
inches (mm)
Fly Back Transformer


Similar Part No. - T-1408

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1400 RHOMBUS-IND-T-1400 Datasheet
22Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-14000 RHOMBUS-IND-T-14000 Datasheet
35Kb / 1P
   Ethernet Application Transformers
T-14001 RHOMBUS-IND-T-14001 Datasheet
35Kb / 1P
   Ethernet Application Transformers
T-14001 RHOMBUS-IND-T-14001 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14002 RHOMBUS-IND-T-14002 Datasheet
35Kb / 1P
   Ethernet Application Transformers
More results

Similar Description - T-1408

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-750 RHOMBUS-IND-T-750 Datasheet
70Kb / 1P
   Fly Back Transformer
T-932 RHOMBUS-IND-T-932 Datasheet
40Kb / 1P
   Fly Back Transformer
T-751 RHOMBUS-IND-T-751 Datasheet
70Kb / 1P
   Fly Back Transformer
logo
Rohm
BM2P016TVK-002 ROHM-BM2P016TVK-002 Datasheet
645Kb / 12P
   Isolation Fly-back Converter PWM method Output 22.5W 15V
logo
Princeton Technology Co...
RS2336 PTC-RS2336 Datasheet
191Kb / 4P
   700V High Voltage Quasi-Resonant Fly-back PWM Controller
logo
Rohm
BM2P016T-EVK-001 ROHM-BM2P016T-EVK-001 Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
logo
STMicroelectronics
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
   6W Non-isolated fly-back topology power supply with VIPer12AS
logo
ETA SOLUTIONS CO. LIMIT...
ETA8047 ETA-ETA8047 Datasheet
338Kb / 1P
   Green-Mode Quasi Resonant PWM Controller for Fly-Back Converters
logo
Rohm
BM2P016T ROHM-BM2P016T Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com