Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC857-3 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC857-3
Description  2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC857-3 Datasheet(HTML) 5 Page - Texas Instruments

  CDC857-3 Datasheet HTML 1Page - Texas Instruments CDC857-3 Datasheet HTML 2Page - Texas Instruments CDC857-3 Datasheet HTML 3Page - Texas Instruments CDC857-3 Datasheet HTML 4Page - Texas Instruments CDC857-3 Datasheet HTML 5Page - Texas Instruments CDC857-3 Datasheet HTML 6Page - Texas Instruments CDC857-3 Datasheet HTML 7Page - Texas Instruments CDC857-3 Datasheet HTML 8Page - Texas Instruments CDC857-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC857-2, CDC857-3
2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
SCAS627A – SEPTEMBER 1999 – DECEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input voltage
All input pins
VCC = 2.3 V,
II = –18 mA
–1.2
V
VOH
High level output voltage
VCC = min to max, IOH= –1 mA
VCC–0.1
V
VOH
High-level output voltage
VCC = 2.3 V,
IOH = –12 mA
1.7
V
VOL
Low level output voltage
VCC = min to max, IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VCC = 2.3 V,
IOL = 12 mA
0.6
V
IOH
High-level output current
VCC = 2.3 V,
VO = 1 V
–18
–32
mA
IOL
Low-level output current
VCC = 2.3 V,
VO = 1.2 V
26
35
mA
VO
Output voltage swing
For load condition see Figure 3
1.1
VCC–0.4
V
II
Input current
G
VCC = 2.7 V,
VI = 0 V to 2.7 V
±10
µA
II
Input current
CLK, FBIN
VCC = 2.7 V,
VI = 0 V to 2.7 V
±10
µA
IOZ
High impedance output current
VCC =2 7 V
VO =VCC or GND
±10
µA
IOZ
High-impedance output current
VCC = 2.7 V,
VO = VCC or GND
±10
µA
VOC
Output crossing point voltage‡
(VCC/2)–
0.1
VCC/2
(VCC/2)+
0.1
V
ICCZ
Supply current, disabled
AVCC and VCC = max,
G = L or no input CLK signal
500
800
µA
lCC
Supply current on VCC
(see Figure 7)
VCC = 2.7 V,
fO = 167 MHz,
All outputs switching 16 pF in 60
environment,
See Figure 3
235
300
mA
AICC
Supply current on
CDC857–2
AVCC = 2.7 V,
fO = 167 MHz
9
12
mA
AICC
Su
ly current on
AVCC
CDC857–3
AVCC = 3.6 V,
fO = 167 MHz
15
19
mA
CI
Input capacitance
VCC = 2.5 V,
VI = VCC or GND
2
pF
CO
Output capacitance
VCC = 2.5 V,VO = VCC or GND
3
pF
† All typical values are at respective nominal VCC.
‡ The value of VOC is expected to be |VTR + VCP|/2. In case of each clock directly terminated by a 120-Ω resistor, where VTR is the true input
signal voltage and VCP is the complementary input signal voltage (see Figure 3).


Similar Part No. - CDC857-3

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDC-0252-0350-1-ACB DH-CDC-0252-0350-1-ACB Datasheet
452Kb / 3P
   Chain drives
CDC-0252-0350-1-ACBM1-L DH-CDC-0252-0350-1-ACBM1-L Datasheet
452Kb / 3P
   Chain drives
CDC-0252-0350-1-ACBM1-R DH-CDC-0252-0350-1-ACBM1-R Datasheet
452Kb / 3P
   Chain drives
CDC-0252-0350-1-ACBM2-R DH-CDC-0252-0350-1-ACBM2-R Datasheet
452Kb / 3P
   Chain drives
CDC-0252-0350-1-ACBS1-L DH-CDC-0252-0350-1-ACBS1-L Datasheet
452Kb / 3P
   Chain drives
More results

Similar Description - CDC857-3

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDC857 HITACHI-HD74CDC857 Datasheet
54Kb / 12P
   3.3/2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com