Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT30VS-8 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CT30VS-8
Description  STROBE FLASHER USE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CT30VS-8 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CT30VS-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CT30VS-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb.1999
V
µA
µA
V
¡VCES ............................................................................... 400V
¡ICM ................................................................................... 180A
CT30VS-8
450
10
±0.1
7.0
IC = 1mA, VGE = 0V
VCE = 400V, VGE = 0V
VGE =
±40V, VCE = 0V
VCE = 10V, IC = 1mA
V(BR)CES
ICES
IGES
VGE(th)
400
±30
±40
180
–40 ~ +150
–40 ~ +150
V
V
V
A
°C
°C
VCES
VGES
VGEM
ICM
Tj
Tstg
10.5MAX.
1.3
qwe
r
4.5
0
+0.3
–0
1
5
0.8
0.5
q GATE
w COLLECTOR
e EMITTER
r COLLECTOR
wr
q
e
OUTLINE DRAWING
Dimensions in mm
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30VS-8
STROBE FLASHER USE
APPLICATION
Strobe Flasher.
VGE = 0V
VCE = 0V, See notice 4
VCE = 0V, tw = 0.5s
See figure 1
Parameter
Conditions
Symbol
Ratings
Unit
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current (Pulsed)
Junction temperature
Storage temperature
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
MAXIMUM RATINGS (Tc = 25
°C)
Collector-emitter breakdown voltage
Collector-emitter leakage current
Gate-emitter leakage current
Gate-emitter threshold voltage
TO-220S


Similar Part No. - CT30VS-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT30VS-8 RENESAS-CT30VS-8 Datasheet
50Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30VS-8 RENESAS-CT30VS-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
More results

Similar Description - CT30VS-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CT20AS-8 MITSUBISHI-CT20AS-8 Datasheet
31Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
   STROBE FLASHER USE
logo
Mitsubishi Electric Sem...
CT40TMH-8 MITSUBISHI-CT40TMH-8 Datasheet
32Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT20VSL-8 POWEREX-CT20VSL-8 Datasheet
26Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT30VS-8 RENESAS-CT30VS-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
logo
Mitsubishi Electric Sem...
CT20VML-8 MITSUBISHI-CT20VML-8 Datasheet
23Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT20ASJ-8 RENESAS-CT20ASJ-8_15 Datasheet
74Kb / 5P
   STROBE FLASHER USE
CT20ASL-8 RENESAS-CT20ASL-8_15 Datasheet
74Kb / 5P
   STROBE FLASHER USE
CT20TM-8 RENESAS-CT20TM-8_15 Datasheet
76Kb / 5P
   STROBE FLASHER USE
CT30VM-8 RENESAS-CT30VM-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
CT40TMH-8 RENESAS-CT40TMH-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com