Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC203 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC203
Description  3.3-V HEX INVERTER/CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC203 Datasheet(HTML) 2 Page - Texas Instruments

  CDC203 Datasheet HTML 1Page - Texas Instruments CDC203 Datasheet HTML 2Page - Texas Instruments CDC203 Datasheet HTML 3Page - Texas Instruments CDC203 Datasheet HTML 4Page - Texas Instruments CDC203 Datasheet HTML 5Page - Texas Instruments CDC203 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDC203
3.3-V HEX INVERTER/CLOCK DRIVER
SCAS324A – OCTOBER 1989 – REVISED NOVEMBER 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2)
1.6 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations application note in the 1994 ABT Advanced BiCMOS Technology
Data Book, literature number SCBD002B.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High level input voltage
VCC = 3 V
2.1
V
VIH
High-level input voltage
VCC = 3.6 V
2.5
V
VIL
Low level input voltage
VCC = 3 V
0.9
V
VIL
Low-level input voltage
VCC = 3.6 V
1.1
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High level output current
VCC = 3 V
–12
mA
IOH
High-level output current
VCC = 3.6 V
–12
mA
IOL
Low level output current
VCC = 3 V
12
mA
IOL
Low-level output current
VCC = 3.6 V
12
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns / V
fclock
Input clock frequency
40
MHz
TA
Operating free-air temperature
25
70
°C


Similar Part No. - CDC203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC203 TI1-CDC203 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203DW TI1-CDC203DW Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203DWG4 TI1-CDC203DWG4 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
More results

Similar Description - CDC203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
logo
Nexperia B.V. All right...
74LVT04 NEXPERIA-74LVT04 Datasheet
211Kb / 10P
   3.3 V Hex inverter
Rev. 4 - 12 August 2021
logo
NXP Semiconductors
74LVT04 PHILIPS-74LVT04_15 Datasheet
131Kb / 13P
   3.3 V Hex inverter
Rev. 2-28 April 2014
logo
Nexperia B.V. All right...
74LVT04-Q100 NEXPERIA-74LVT04-Q100 Datasheet
714Kb / 13P
   3.3 V Hex inverter
logo
Texas Instruments
CDC204_15 TI-CDC204_15_15 Datasheet
280Kb / 10P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC204 TI-CDC204 Datasheet
105Kb / 7P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Texas Instruments
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com