Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMSA283R3SKR Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # SMSA283R3SKR
Description  SMSA Single and Dual DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMSA283R3SKR Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  SMSA283R3SKR Datasheet HTML 1Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 2Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 3Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 4Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMSA283R3SKR Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
16 to 40 VdC continuous
50 V for up to 50 msec transient
output power
5 watts
lead soldering temperature (10 sec per lead)
300°C
storage temperature range (case)
-65°C to +135°C
case operating temperature (tc)
-55°C to +125°C full power
-55°C to +135°C absolute
derating output power/current (tc)
linearly from 100% at 125°C to 0% at 135°C
output Voltage temperature coefficient
100 ppm/°C typical
input to output capacitance
50 pF typical
isolation
100 megohm minimum at 500 VdC
any pin to case, except case pin
audio Rejection
50 dB typical
conversion Frequency
500 kHz typical
450 kHz min, 600 kHz max
inhibit
active low (output disabled)
Active low voltage ≤0.8 V max
-
inhibit pin current 4 ma max
-
Referenced to input common
-
active high (output enabled)
open collector
-
open pin voltage, 9 - 11 Volts
-
meChaniCal and envirOnmental
size (maximum)
1.075 x 1.075 x 0.270 inches (27.31 x 27.31 x 6.86 mm)
see case C1 for dimensions.
Weight (maximum)
15 grams typical
screening
space Prototype (o), Class H, or Class K are radiation tolerant to
Radiation Hardness assurance (RHa) levels of “-” (o) or “R”, per
mil-sTd-38534. interpoint model numbers use an “o” in the RHa
designator position to indicate the “-” (dash) Radiation Hardness
assurance level of mil-PRF-38534, which is defined as “no RHa”.
see “Class H and K, mil-PRF-38534 screening” tables for more
information. available configurations: oo, HP, KP, HR, KR
Positive
Input
Inhibit
PWM
Control
Negative
Output
Output
Common
Positive
Output
Input
Common
Case
Ground
6
5
7
8
1
2
3
Feedback
Output Filter
Input Filter
Output Filter
Error
Amp
SMSA SINGLE AND DUAL
= DUAL OUTPUT
VRef
Figure 1: SmSa blOCk Diagram
Crane Aerospace & Electronics Power Solutions
sMsa single and dual dc/dc converters
Page 2 of 14
28 Volt input – 5 Watt - pending reVision F release
www.interpoint.com
Rev F - 20090318 - Pending Revision F Release


Similar Part No. - SMSA283R3SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMSA283R3S/KR INTERPOINT-SMSA283R3S/KR Datasheet
271Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMSA283R3SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com