Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFLH283R3SHR Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # SMFLH283R3SHR
Description  SMFLHP Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFLH283R3SHR Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button SMFLH283R3SHR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 10Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 11Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 12Page - Crane Aerospace & Electronics. SMFLH283R3SHR Datasheet HTML 13Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
TOP VIEW CASE U
Flanged case, short-leaded
Seam Seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Nickel/Gold; compression glass seal
Case U, Rev C, 20060302
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
*Case U does not require designator in Case Option position of model number.
FIGURE 16: CASE U
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 10 of 13
Rev H - 20071221
SMFLHP Single and Dual DC/DC Converter Cases
28 VOLT INPUT – 100 WATT


Similar Part No. - SMFLH283R3SHR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP INTERPOINT-SMFLHP Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
More results

Similar Description - SMFLH283R3SHR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com