Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTW2812SES Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MTW2812SES
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTW2812SES Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MTW2812SES Datasheet HTML 1Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 2Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 3Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 4Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 5Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 6Page - Crane Aerospace & Electronics. MTW2812SES Datasheet HTML 7Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MTW
28 12 D / ES
Base Model
Voltage In
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
B4-12
MTW SERIES
30 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc
FIGURE 5
FIGURE 7
Output Power (Watts)
MTW2815D Efficiency
72
84
82
80
76
74
15
510
78
86
18 V
40 V
20
25
30
68
70
88
28 V
Output Power (Watts)
MTW2812D and MTW2815D
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
MTW2812D
MTW2815D
Output Power (Watts)
MTW2805S Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
19 V
40 V
20
25
30
68
70
88
FIGURE 2
Output Power (Watts)
MTW2812S Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
18 V
40 V
20
25
30
68
70
88
FIGURE 3
Output Power (Watts)
MTW2812S and MTW2815S
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
MTW2815S
MTW2812S
FIGURE 6
FIGURE 4
Output Power (Watts)
MTW2812D Efficiency
72
84
82
80
76
74
15
510
78
86
20
25
30
68
70
88
28 V
18 V
40 V
MODEL NUMBERING KEY
24421-001-DTS Rev A
DQ# 1017
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MTW Series is a trademark of Interpoint.
Copyright © 1994 - 1999 Interpoint. All rights reserved.


Similar Part No. - MTW2812SES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTW2812S INTERPOINT-MTW2812S Datasheet
445Kb / 6P
   ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
MTW2812S/ES INTERPOINT-MTW2812S/ES Datasheet
95Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MTW2812SES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com