Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRH2812SFES Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MRH2812SFES
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MRH2812SFES Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MRH2812SFES Datasheet HTML 1Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 2Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 3Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 4Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 5Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 6Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 7Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 8Page - Crane Aerospace & Electronics. MRH2812SFES Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DUAL AND TRIPLE OUTPUT MODELS
MRH2812D
MRH2815D
MRH2812T
MRH2815T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
MAIN
+11.88 +12.0 +12.12
+14.85 +15.0 +15.15
+4.95
+5.0
+5.05
+4.95
+5.0 +5.05
AUX.
–11.82 –12.0 –12.18
–14.77 –15.0 –15.23 ±11.50 ±12.0 ±12.50 ±14.40 ±15.0 ±15.60
VDC
OUTPUT CURRENT1
MAIN
+0.01 +0.625
+1.0
+0.008 +0.50
+0.8
+0.40 +1.80 +2.00
+0.40 +1.80 +2.00
A
–55°C TO +85°C
AUX.
–0.01 –0.625
–1.0
–0.008 –0.50
–0.8
±0.00
±0.25 ±0.50
±0.00 ±0.20 ±0.40
OUTPUT POWER1
MAIN
7.5
12
7.5
12
2
9
10
2
9
10
AUX.
7.5
12
7.5
12
0
3
6
0
3
6
W
TOTAL
0.25
15
0.25
15
2
15
2
15
OUTPUT RIPPLE
MAIN
40
60
40
60
50
75
30
50
VOLTAGE, 10 kHz - 2 MHz
AUX.
40
60
40
60
30
50
30
50
mV p-p
LINE REGULATION
MAIN
5
20
5
20
5
10
5
10
mV
VIN = MIN. TO MAX.
AUX.
20
100
20
100
200
400
250
500
LOAD REGULATION2
MAIN
5
30
5
30
5
10
5
10
mV
NO LOAD TO FULL
AUX.
10
100
10
100
200
400
250
500
INPUT VOLTAGE3
CONTINUOUS
16
28
40
19
28
40
16
28
36
16
28
36
VDC
TRANSIENT 50 ms
50
50
40
40
V
INPUT CURRENT
NO LOAD
55
70
55
70
70
80
85
95
FULL LOAD
700
700
770
778
mA
INHIBITED
22
25
22
25
23
25
23
25
INPUT RIPPLE
CURRENT
10 kHz TO 2 MHz
25
50
25
50
25
50
25
50
mA p-p
EFFICIENCY
76
78
76
78
70
72
70
72
%
LOAD FAULT4
SHORT CIRCUIT
5
5
5
5
W
POWER DISSIPATION
OVERLOAD
5
5
5
5
START-UP
DELAY
3
10
3
10
3
10
3
10
ms
B4-21
MRH SERIES
15 WATT
DC/DC CONVERTERS
Notes
1. Maximum combined output power is 15 watts for both dual and triple models.
Dual output models: The maximum specification is the total output current/power.
Up to 80% of that total is available from either output provided the positive output maintains a minimum of 20% of the total power used.
Triple output models: The maximum combined power of the auxiliaries is 6 watts, of which 100% is available from either output.
2. Load regulation is not guaranteed below minimum load.
3. Converter should not be inhibited or operated below 12 Vin above 104 rads (Si) total dose.
4. Indefinite short circuit protection is not guaranteed above 85°C case.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
PIN OUT
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
No connection
No connection
Main (+5) Output
3
Trim
Negative Output
Output Common
4
Output Common Output Common
Neg. Aux. Output
5
Positive Output
Positive Output
Pos. Aux. Output
6
No connection
No connection
No connection
7
Case Ground
Case Ground
Case Ground
8
Inhibit
Inhibit
Inhibit
9
No connection
No connection
No connection
10
Input Common
Input Common
Input Common
Dot on top of cover indicates pin one.
BOTTOM VIEW
MRH
FLANGED AND NON-FLANGED
See Section B8, cases F3 and J3, for dimensions.
10
9
8
7
6
123
4
5
Dotted line
outlines flanged
package option.
FIGURE 1: PIN OUT


Similar Part No. - MRH2812SFES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MRH2812SF/ES INTERPOINT-MRH2812SF/ES Datasheet
135Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MRH2812SFES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com