Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSR28512DES Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MSR28512DES
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSR28512DES Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MSR28512DES Datasheet HTML 1Page - Crane Aerospace & Electronics. MSR28512DES Datasheet HTML 2Page - Crane Aerospace & Electronics. MSR28512DES Datasheet HTML 3Page - Crane Aerospace & Electronics. MSR28512DES Datasheet HTML 4Page - Crane Aerospace & Electronics. MSR28512DES Datasheet HTML 5Page - Crane Aerospace & Electronics. MSR28512DES Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRIPLE OUTPUT EXTERNAL CAPACITOR
OPERATION WITHOUT EXTERNAL CAPACITORS WILL RESULT IN DAMAGE TO THE INTERNAL CIRCUITRY.
B4-29
MSR SERIES
4 WATT
DC/DC CONVERTERS
FEEDBACK
LOGIC
TIMING
CONTROL
SWITCH
REF. &
COMP
DUAL
TRACKING
REGULATOR
9
+5 OUTPUT
6, 7
8
POSITIVE
AUXILIARY
OUTPUT
5
NEGATIVE
AUXILIARY
OUTPUT
OUTPUT
COMMON
1, 2
POSITIVE
INPUT
15
INHIBIT
17, 18
INPUT
COMMON
220
µF
EXTERNAL
CAPACITOR
Required
Minimum
Model
Connection1
Capacitor Value2
MSR28512T
Positive 5 VDC Output (9) to
and
Output Common (6 or 7)
220 µF, 10 V
MSR28515T
FIGURE 2:
TRIPLE OUTPUT EXTERNAL CAPACITOR CONNECTIONS
Notes – Table 2
1. See Figure 2 for connection diagram.
2. Capacitors should be high quality, low ESR components —
solid tantalum is recommended.
TABLE 2: EXTERNAL CAPACITOR REQUIREMENTS
TRIPLE OUTPUT MODELS
MSR28512T
MSR28515T
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
16 TO 32 VIN
MAIN
4.9
5.0
5.1
4.9
5.0
5.1
VDC
BALANCED LOAD
AUX
±11.5
±12.0
±12.5
±14.5
±15.0
±15.5
OUTPUT CURRENT
MAIN
10.01
400
10.01
400
mA
AUX
±50.0
±40.0
OUTPUT POWER2
Tc = –55°C TO +85°C
3.2
3.2
W
OUTPUT RIPPLE3
BW DC TO 1 MHz
MAIN
50
100
50
100
mV p-p
± AUX
50
100
50
100
LINE REGULATION
16 TO 32 V
IN
MAIN
5
10
5
10
mV
± AUX
3
6
3
7.5
LOAD REGULATION
NO LOAD TO FULL
MAIN
15
30
15
30
mV
± AUX
15
30
15
30
INPUT VOLTAGE
Tc = –55°C TO +85°C
16
28
32
16
28
32
VDC
TRANSIENT 50 ms
40
40
V
NO LOAD
10
20
10
20
INPUT CURRENT
FULL LOAD
176
176
mA
INHIBITED
5
5
EFFICIENCY
65
70
65
70
%
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
WARNING:EXTERNAL CAPACITORS REQUIRED
Notes
1. External capacitors required (see Table 2 for specifications).
2. Minimum load required on main output for full power auxiliary operation.


Similar Part No. - MSR28512DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSR28512T/ES INTERPOINT-MSR28512T/ES Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MSR28512DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com