Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHE2812DES Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHE2812DES
Description  DC/DC CONVERTERS 12 AND 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHE2812DES Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHE2812DES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHE2812DES Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
B8-17
CASE H
CASES
CASE H
BOTTOM VIEW
See Figures 29 – 34
for pin configurations.
2.125 max
(53.98)
1.125 max
(28.58)
Materials
Header Cold Rolled Steel/Nickel/Gold
cases H1 and H2
Cold Rolled Steel/Nickel/Tin
cases H3, H4, and H5
Cover
Kovar/Nickel
cases H1 and H2
Cold Rolled Steel/Nickel/Tin
cases H3, H4, and H5
Pins
#52 alloy
ceramic seal
case H1
case H2 (except MHV Series Single and Dual)
compression glass seal
MHV Series Single and Dual
case H3, H4, H5
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
0.155 (3.94)
0.955 (24.26)
Seam Seal
0.040 dia
(1.02)
0.000
0.555 (14.1)
1.110 (28.19)
12
3
4
5
FMC EMI Filter: Screening – Standard, ES, or 883
SFMC EMI Filter: Screening – Space Standard, H, or K
BOTTOM VIEW CASE H1
Squared corner and dot on top
of case indicate pin one.
FIGURE 29: CASE H1
FIGURE 28: CASE H MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.


Similar Part No. - MHE2812DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHE2812DF/ES INTERPOINT-MHE2812DF/ES Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
More results

Similar Description - MHE2812DES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com