Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR153-2812 Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # HR153-2812
Description  DC/DC Converters 12 & 28 Volt Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR153-2812 Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

  HR153-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics. HR153-2812 Datasheet HTML 7Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
0.160 (4.06)
0.960 (24.38)
0.000
1.120 max (28.45)
1
2
6
10
BOTTOM VIEW CASE H6
3
4
5
7
8
9
0.040 dia
(1.02)
Solder Seal
Solder Tip-off
Dot on top of case indicates pin one
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Tin
Cover
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy, compression glass seal or ceramic seal
Case H6, Rev C, 20060802
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
figURe 4: caSe H6 – HR151 anD HR152
6
hr150 SerieS
20 Watt
DC/DC Converters


Similar Part No. - HR153-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR153-2812 INTERPOINT-HR153-2812 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
More results

Similar Description - HR153-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com