Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH0512S Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # DCH0512S
Description  DC/DC CONVERTERS 5 OR 28 VOLT INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

DCH0512S Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  DCH0512S Datasheet HTML 1Page - Crane Aerospace & Electronics. DCH0512S Datasheet HTML 2Page - Crane Aerospace & Electronics. DCH0512S Datasheet HTML 3Page - Crane Aerospace & Electronics. DCH0512S Datasheet HTML 4Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
–55°C to 100°C
5 or 28 VDC input
Fully isolated
Output regulated from input side
100 kHz typical switching frequency
Topology – Push-Pull DC/DC Converter
Up to 75% efficiency
No minimum load
Output capacitor suggested
DESCRIPTION
The DCH Series™ offers isolated, unregulated DC/DC converters
with up to 3 watts of output power in a low profile (0.350 max.) metal
package. Single and dual output models are available with input volt-
ages of 5 or 28 VDC. DCH Series converters operate over a –55°C to
+100°C temperature range.
DCH Series converters use a non-saturating core circuit operating at
a frequency of approximately 100 kHz, which reduces reflected input
ripple and minimizes EMI/RFI problems. For applications requiring
MIL-STD-461C, CEO3, reflected input ripple levels, refer to Section B5
or contact your Interpoint representative for matching EMI filters.
Figure 1 shows a standard connection scheme for a dual output
model. Users may also elect to use a dual output device to provide a
single output at double the rated output voltage. The double voltage
connection is achieved by leaving the normal output common pin (Pin
15) unconnected and using either the positive or negative Vout pin for
the output common connection.
On all DCH Series models, a tantalum capacitor with a minimum
value of 22 μF and an appropriate voltage rating should be connected
between the output common and the output line(s) to minimize output
ripple.
MODELS
VDC OUTPUT
SINGLES
5
12
DUALS
±12
±15
Output Current vs Output Voltage
DCH2805S
FIGURE 3
Efficiency
DCH2805S
FIGURE 2
Size (max.):
0.975 x 0.800 x 0.350 inches (24.77 x 20.32 x 8.89 mm)
See case A3 for dimensions.
Weight:
20 grams typical
Screening:
Standard or ES. See “100°C Non-QML Products
– Environmental Screening (Standard & ES)” screening table for
screening options.
Negative
Output
28 V
Load
Load
+
+
Input
Common
Positive
Input
Positive
Output
Output Common
FIGURE 1:
DUAL DCH CONVERTER
WITH
EXTERNAL CAPACITORS
Typical Performance Curves: 25°C Tc, nominal Vin
1
DCH SERIES
3 WATT
DC/DC CONVERTERS
5 OR 28 VOLT INPUT
NOT RECOMMENDED FOR NEW DESIGNS


Similar Part No. - DCH0512S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH01 TI1-DCH01 Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
logo
Sanyo Semicon Device
DCH010 SANYO-DCH010 Datasheet
23Kb / 2P
   Ultrahigh-Speed Switching Diodes
logo
Texas Instruments
DCH010505D TI-DCH010505D Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505D TI1-DCH010505D Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
More results

Similar Description - DCH0512S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com