Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMM-2D-2.5B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # VMM-2D-2.5B
Description  VECTOR I&Q MODULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

VMM-2D-2.5B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  VMM-2D-2.5B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - VMM-2D-2.5B

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
VMM-1627L-R PUIAUDIO-VMM-1627L-R Datasheet
666Kb / 8P
   100 Hz ~ 8 kHz Analog Microphone MEMS (Silicon) 1.5 V ~ 3.6 V Noise Cancelling (-31dB) Solder Pads
Rev. A 10/24/2022
More results

Similar Description - VMM-2D-2.5B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VMP-2R-10B MERRIMAC-VMP-2R-10B Datasheet
84Kb / 1P
   VECTOR I&Q MODULATORS
VMP-2S-1.5B MERRIMAC-VMP-2S-1.5B Datasheet
94Kb / 1P
   VECTOR I&Q MODULATORS
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
   I&Q MODULATOR
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
   I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
   I&Q Modulator
REV. D
logo
Merrimac Industries, In...
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
   I&Q MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
logo
M/A-COM Technology Solu...
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960_15 Datasheet
61Kb / 2P
   I/Q Modulator
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018_15 Datasheet
129Kb / 2P
   I/Q Modulator
logo
Mini-Circuits
MIQA-21M MINI-MIQA-21M Datasheet
170Kb / 1P
   I&Q Modulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com