Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD646 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BD646
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD646 Datasheet(HTML) 2 Page - Savantic, Inc.

  BD646 Datasheet HTML 1Page - Savantic, Inc. BD646 Datasheet HTML 2Page - Savantic, Inc. BD646 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD646/648/650/652
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD646
-60
BD648
-80
BD650
-100
V(BR)CEO
Collector-emitter
breakdown voltage
BD652
IC=-30mA, IB=0
-120
V
VCEsat-1
Collector-emitter saturation voltage
IC=-3A ,IB=-12mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-5A ,IB=-50mA
-2.5
V
VBEsat
Base-emitter saturation voltage
IC=-5A ,IB=-50mA
-3.0
V
VBE
Base-emitter on voltage
IC=-3A ; VCE=-3V
-2.5
V
BD646
VCB=-60V, IE=0
VCB=-40V, IE=0 ;TC=150
-0.2
-2.0
BD648
VCB=-80V, IE=0
VCB=-50V, IE=0 ;TC=150
-0.2
-2.0
BD650
VCB=-100V, IE=0
VCB=-60V, IE=0 ;TC=150
-0.2
-2.0
ICBO
Collector cut-off current
BD652
VCB=-120V, IE=0
VCB=-70V, IE=0 ;TC=150
-0.2
-2.0
mA
BD646
VCE=-30V, IB=0
BD648
VCE=-40V, IB=0
BD650
VCE=-50V, IB=0
ICEO
Collector cut-off current
BD652
VCE=-60V, IB=0
-0.5
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
mA
hFE
DC current gain
IC=-3A ; VCE=-3V
750
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
2.0
/W


Similar Part No. - BD646

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD646 TRSYS-BD646 Datasheet
452Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD646 SIEMENS-BD646 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD646 SIEMENS-BD646 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD646 BOURNS-BD646 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BD646

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com