Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHZ-23B-30B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHZ-23B-30B
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHZ-23B-30B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHZ-23B-30B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B - Outline
PRINCIPAL SPECIFICATIONS
Model
Center
Frequency
Number
Frequency
Performance
QHZ-23B-70
70 MHz
47 - 94 MHz
QHZ-23B-***B
30 to 200 MHz
Octave
For complete Model Number replace *** with desired Center Frequency in MHz.
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
Isolation:
20 dB min., 25 dB typ.
Insertion Loss:
< 75 MHz:
0.5 dB max., 0.3 dB typ.
> 75 MHz:
0.75 dB max., 0.5 dB typ.
Phase Tolerance: 90°
± 3° max.
Amplitude Balance: 1 dB max.
VSWR (In/Out):
1.3:1 max.
CW Input:
1 W max.
Weight, nominal:
0.007 oz (200 mg)
Operating Temp.:
-- 55° to +85°C
Phasing Diagram - A
1
2
3
4
1
-- 90°
Isol.
2
Isol.
-- 90°
3
-- 90°
Isol.
4
Isol.
-- 90°
QHZ-23B Series
90 POWER DIVIDERS / COMBINERS
30 to 200 MHz / Octave Bandwidth / Low Insertion Loss / Low Profile and Weight / CaseFree Pkg
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
Typical QHZ-23B-60 Performance
27Mar96
General Notes:
1. The QHZ-23B series of CaseFree 3 dB
Quadrature Hybrids has been designed for size
and process compatibility with MMIC and similar
devices. The series presents a unit profile height
of less than 0.130" allowing mounting alongside
other miniature components within a low profile
hermetic housing.
2. High performance and octave bandwidth
remains uncompromised by the units’ miniature
characteristics and very low weight.
3. All units can be supplied screened for
compliance with specifications you designate for
aerospace applications requiring the highest
available reliability.


Similar Part No. - QHZ-23B-30B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHZ-2A-1200B MERRIMAC-QHZ-2A-1200B Datasheet
29Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-2A-20B MERRIMAC-QHZ-2A-20B Datasheet
29Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHZ-23B-30B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com