Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHP-2N-1B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHP-2N-1B
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHP-2N-1B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHP-2N-1B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meri-Pac
™ N-Package Outline
General Notes:
1. The QHP-2N series of Quadrature Hybrids
covers 1 to 1000 MHz using a special lumped
element design to reduce package size
making it ideal for applications where an
ultra-miniature package is essential.
2. The 0.375" by 0.5" Meri-Pac
™ housing is
ideally suited to aerospace applications where
inherent package reliability and hermeticity
are essential.
PRINCIPAL SPECIFICATIONS
Model
Center
Usable
Number
Frequency,fo
Bandwidth,MHz
QHP-2N-***B
1 - 1000 MHz
fo
± 5%
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Bandwidth:
10%
Coupling:
-- 3 dB nom.
Isolation:
23 dB min.
Insertion Loss:
0.3 dB max.
Phase Tolerance:
90°
± 2°
Amplitude Balance:
0.75 dB max.
Impedance:
50
Ω nom.
VSWR:
1.3:1 max.
CW Input:
1 Watt max.
Weight, nominal:
0.1 oz. (2.8 g)
Operating Temperature:
-- 55° to +85°C
QHP-2N Series
90 POWER DIVIDERS / COMBINERS
1 to 1000 MHz / 10% Bandwidth Standard / Low Insertion loss / Lumped Element Circuits / Meri-Pac
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters
3. All unmarked pins are case ground.
4. Pin dimensions apply only at body.
Phasing Diagram - A
1
2
3
4
1
-- 90°
Isol
2
Isol
-- 90°
3
-- 90°
Isol
4
Isol
-- 90°
29Apr96


Similar Part No. - QHP-2N-1B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-300B MERRIMAC-QHP-23N-300B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHP-2N-1B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com