Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHM-2-1.5GSQ Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHM-2-1.5GSQ
Description  90째 DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHM-2-1.5GSQ Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHM-2-1.5GSQ Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90° DIVIDERS / COMBINERS
QHM-2-1.5G SQ
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com
TECHNICAL DESCRIPTION / APPLICATION
• SPACE QUALIFIED
• 1.1 - 1.6 GHz, QUADRATURE HYBRID, SMA
PACKAGE OUTLINE
REV: 001, 05/23/02
MODEL
NUMBER
FREQUENCY
RANGE
ISOLATION dB
INSERTION LOSS
AMPLITUDE
BALANCE
VSWR
GHz
MIN.
MAX.
MAX.
MAX.
QHM-2-1.5G SQ
1.1 - 1.6
23 dB
0.3 dB
0.5 dB
1.15:1
PHASE BALANCE
CW INPUT POWER
IMPEDANCE
OPERATING TEMPERATURE
WEIGHT
MAX.
NOM.
90° ± 2°
10 W
50 OHM
-55° to +85 ° C
1 oz.
GENERAL SPECIFICATIONS
The QHM-2-1.5G SQ Quadrature Hybrid Divider/Combiner covers 1.1 - 1.6 GHz. It uses a rugged stripline
design which provides high isolation and low VSWR. This unit has been designed, manufactured and
qualified per Merrimac document CENG-0001, “Standard Design Requirements for Space Qualified
Devices”.


Similar Part No. - QHM-2-1.5GSQ

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHM-2-1.8GSQ MERRIMAC-QHM-2-1.8GSQ Datasheet
93Kb / 1P
   90째 DIVIDERS / COMBINERS
More results

Similar Description - QHM-2-1.5GSQ

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHM-2-1.8GSQ MERRIMAC-QHM-2-1.8GSQ Datasheet
93Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-7.7GSQ MERRIMAC-QHM-2-7.7GSQ Datasheet
416Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-6GSQ MERRIMAC-QHM-2-6GSQ Datasheet
434Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-2.25GSQ MERRIMAC-QHM-2-2.25GSQ Datasheet
43Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-4R-10GSQ MERRIMAC-QHM-4R-10GSQ Datasheet
59Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-.450GSQ MERRIMAC-QHM-2-.450GSQ Datasheet
63Kb / 1P
   90째 DIVIDERS / COMBINERS
PDF-2A-250SQ MERRIMAC-PDF-2A-250SQ Datasheet
92Kb / 1P
   0째 DIVIDERS / COMBINERS
PDF-4E-1300SQ MERRIMAC-PDF-4E-1300SQ Datasheet
439Kb / 1P
   0째 DIVIDERS / COMBINERS
PDM-81-12GSQ MERRIMAC-PDM-81-12GSQ Datasheet
86Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-1.5GSQ MERRIMAC-PDM-21-1.5GSQ Datasheet
76Kb / 1P
   0 DIVIDERS/COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com