Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHM-6-17 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHM-6-17
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHM-6-17 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHM-6-17 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PRINCIPAL SPECIFICATIONS
Frequency
Phase
Isolation,
Model
Range,
Tolerance,
dB,
VSWR,
Number
MHz
Max.
Min.
Max.
QHM-6-17
2 - 32
90°
± 3°
20
1.30:1
QHM-6-42
3.5 - 80
90°
± 3°
20
1.35:1
QHM-6-165
30 - 300
90°
± 3°
18
1.40:1
QHM-6-225
50 - 400
90°
± 5°
15
1.50:1
General Notes:
1. The QHM-6 series of multi-octave quadrature hybrid couplers covers 2 to
400 MHz using multi-section lumped element circuits resulting in a compact,
sturdy package.
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Insertion Loss:
1.5 dB max. 1 dB typ.
Amplitude Balance:
1 dB max.
Impedance:
50
Ω nom.
CW Input:
1 Watt
Connectors:
SMA Female
Weight, nominal:
1.3 oz. (37 g)
Operating Temp.:
-- 55° to +85°C
Phasing Diagram - C
1
2
3
4
1
ref.
+90°
Isol.
2
ref.
Isol.
-- 90°
3
-- 90°
Isol.
ref.
4
Isol.
+90°
ref.
QHM-6 Series
90 POWER DIVIDERS / COMBINERS
2 to 400 MHz / Multi-Octave Bandwidths / Uniform Phase & Amplitude Bal. / High Isolation / SMA
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
Typical QHM-6-225 Performance
Typical QHM-6-42 Performance
20Feb96
NOTES:
1. Tolerance on 3 place decimals
±0.20(.51) except as noted.
2. Dimensions in inches over millimeters.


Similar Part No. - QHM-6-17

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHM-2-.450GSQ MERRIMAC-QHM-2-.450GSQ Datasheet
63Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-1.5GSQ MERRIMAC-QHM-2-1.5GSQ Datasheet
111Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-1.8GSQ MERRIMAC-QHM-2-1.8GSQ Datasheet
93Kb / 1P
   90째 DIVIDERS / COMBINERS
QHM-2-1B MERRIMAC-QHM-2-1B Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-2.25GSQ MERRIMAC-QHM-2-2.25GSQ Datasheet
43Kb / 1P
   90째 DIVIDERS / COMBINERS
More results

Similar Description - QHM-6-17

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com