Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUV48A Datasheet(PDF) 1 Page - Savantic, Inc.

Part # BUV48A
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUV48A Datasheet(HTML) 1 Page - Savantic, Inc.

  BUV48A Datasheet HTML 1Page - Savantic, Inc. BUV48A Datasheet HTML 2Page - Savantic, Inc. BUV48A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUV48 BUV48A
DESCRIPTION
·With TO-3PN package
·High voltage ,high speed
APPLICATIONS
·Switching regulators
·Inverters
·Solenoid and relay drivers
·Deflection circuits
PINNING (See Fig.2)
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BUV48
850
VCBO
Collector-base voltage
BUV48A
Open emitter
1000
V
BUV48
400
VCEO
Collector-emitter voltage
BUV48A
Open base
450
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
15
A
ICM
Collector current-peak
30
A
IB
Base current
5
A
IBM
Base current-peak
20
A
PT
Total power dissipation
TC=25
150
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance from junction to case
1.0
/W
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - BUV48A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48A MOSPEC-BUV48A Datasheet
117Kb / 3P
   POWER TRANSISTORS(15A,400-450V,150W)
logo
New Jersey Semi-Conduct...
BUV48A NJSEMI-BUV48A Datasheet
186Kb / 1P
   20 STERN AVE. SPREINGFIELD
logo
Motorola, Inc
BUV48A MOTOROLA-BUV48A Datasheet
308Kb / 8P
   SWITCHMODE II Series NPN Silicon Power Transistors
logo
Savantic, Inc.
BUV48A SAVANTIC-BUV48A Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BUV48A ONSEMI-BUV48A Datasheet
280Kb / 8P
   SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
More results

Similar Description - BUV48A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com