Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6445QFN-64 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS6445QFN-64
Description  QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6445QFN-64 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS6445QFN-64 Datasheet HTML 2Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 3Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 4Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 5Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 6Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 7Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 8Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 9Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
ELECTRICAL CHARACTERISTICS
ADS6445-EP
SLAS573 – FEBRUARY 2008 ............................................................................................................................................................................................ www.ti.com
Typical values are at 25°C, min and max values are across the full junction temperature range TJ,MIN = –55°C to TJ,MAX =
125°C, AVDD = LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input,
internal reference mode (unless otherwise noted).
ADS6445
Fs = 125 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
73.7
Fin = 50 MHz
68.5
73.1
Fin = 70 MHz
72.7
Fin = 100 MHz
72.1
SNR
dBFS
Signal to noise ratio
0 dB gain
69.9
Fin = 170 MHz
3.5 dB Coarse gain
69.4
0 dB gain
68.7
Fin = 230 MHz
3.5 dB Coarse gain
68.1
Fin = 10 MHz
73.4
Fin = 50 MHz
67.75
72.3
Fin = 70 MHz
71.2
SINAD
Fin = 100 MHz
71.8
Signal to noise and
dBFS
0 dB gain
67.9
distortion ratio
Fin = 170 MHz
3.5 dB Coarse gain
68.3
0 dB gain
67.8
Fin = 230 MHz
3.5 dB Coarse gain
67.9
RMS
Inputs tied to common-mode
1.05
LSB
Output noise
Fin = 10 MHz
87
Fin = 50 MHz
69
81
Fin = 70 MHz
78
SFDR
Fin = 100 MHz
86
Spurious free dynamic
dBc
0 dB gain
76
range
Fin = 170 MHz
3.5 dB Coarse gain
79
0 dB gain
77
Fin = 230 MHz
3.5 dB Coarse gain
80
Fin = 10 MHz
93
Fin = 50 MHz
69
87
Fin = 70 MHz
87
Fin = 100 MHz
89
HD2
dBc
Second harmonic
0 dB gain
83
Fin = 170 MHz
3.5 dB Coarse gain
85
0 dB gain
80
Fin = 230 MHz
3.5 dB Coarse gain
82
Fin = 10 MHz
87
Fin = 50 MHz
69
81
Fin = 70 MHz
78
Fin = 100 MHz
86
HD3
dBc
Third harmonic
0 dB gain
76
Fin = 170 MHz
3.5 dB Coarse gain
79
0 dB gain
77
Fin = 230 MHz
3.5 dB Coarse gain
80
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6445-EP


Similar Part No. - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9645 AD-AD9645 Datasheet
966Kb / 36P
   Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com