Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHDZ-2SH-0.9G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHDZ-2SH-0.9G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHDZ-2SH-0.9G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHDZ-2SH-0.9G Datasheet HTML 1Page - Merrimac Industries, Inc. QHDZ-2SH-0.9G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
GHz
INSERTION LOSS
(dB MAX)
AMPLITUDE
BALANCE
(dB MAX)
PHASE
BALANCE
ISOLATION
(dB MIN)
0.8 - 1.0
0.2
± 0.2
90 ± 3°
25
VSWR
(MAX,
ALL PORTS)
INPUT POWER
(CW @ 1.2:1
LOAD VSWR)
SIZE
(INCHES)
WEIGHT
(OZ./GRAMS)
RF
INTERFACE
OPERATING
TEMPERATURE
1.15:1
100 W
0.56 x 0.20 x 0.101
0.02 / 0.6
Surface Mount
-55° - +95° C
QUAD HYBRID
FEATURES
APPLICATIONS
• 0.8 - 1.0 GHz
• GSM 850 RF SUBSYTEMS
• LOW LOSS
• GSM 950 RF SUBSYSTEMS
• HIGH ISOLATION
• LAND MOBILE RADIO (LMR)
• EXCELLENT PHASE/AMPLITUDE BALANCE
• RADAR COMMUNICATIONS
• SURFACE MOUNT
• TAPE & REEL AVAILABLE
The Multi-Mix® QHDZ series provides a 3 dB 90° coupling with low insertion loss, low VSWR, and high
isolation. Accurate phase and amplitude balance make this series ideal for use in IQ networks, power
amplifiers, radio transceivers, receiver multicouplers and RF signal distribution and processing.
QHDZ quad hybrids are fusion bonded multilayer stripline devices. The fusion bonding process yields a
homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance that is
superior to conventional adhesive bonding techniques.
QHDZ-2SH-0.9G
TECHNICAL DESCRIPTION
REV: 001, 09/15/06
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
PORT 4
PORT 3
PORT 2
PORT 1
.200 [5.08]
.560 [14.22]
.024 [0.61] TYP.
.050 [1.27]
.101
P
W
K
B
A
0
0
0
0
ENGLISH (in)
METRIC (mm)
W
0.9449
24.00
P
0.3150
8.00
1
0
P
0.1575
4.00
0
A
0.2150
5.46
0
B
0
K
14.61
2.16
0.5752
0.0850
P
1
DIRECTION OF FEED
"A"
"A"
SECTION "A"-"A"
MARKED SIDE UP
PAD 1
QHDZ-2SH-0.9G


Similar Part No. - QHDZ-2SH-0.9G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2SH-2.14G MERRIMAC-QHDZ-2SH-2.14G Datasheet
125Kb / 2P
   QUAD HYBRID
QHDZ-2SH-2.45G MERRIMAC-QHDZ-2SH-2.45G Datasheet
158Kb / 2P
   QUAD HYBRID
QHDZ-2SH-3.5G MERRIMAC-QHDZ-2SH-3.5G Datasheet
149Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHDZ-2SH-0.9G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.33G MERRIMAC-QHDZ-2BH-0.33G Datasheet
156Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.1G MERRIMAC-QHDZ-2H-1.1G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2N-2.1G MERRIMAC-QHD-2N-2.1G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2SH-1.9G MERRIMAC-QHD-2SH-1.9G Datasheet
158Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com