Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHDZ-2H-1.1G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHDZ-2H-1.1G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHDZ-2H-1.1G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHDZ-2H-1.1G Datasheet HTML 1Page - Merrimac Industries, Inc. QHDZ-2H-1.1G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
MHz
INSERTION LOSS
(dB MAX)
AMPLITUDE BALANCE
(dB MAX)
PHASE BALANCE
960 - 1220
0.15
± 0.3
90 ± 2°
ISOLATION
(dB MIN)
VSWR
(MAX,
ALL PORTS)
INPUT POWER
(CW @ 1.2:1 LOAD
VSWR)
RF
INTERFACE
OPERATING TEMPERATURE
23
1.15:1
200 WATTS
Surface Mount
-55° - +95° C
QUAD HYBRID
FEATURES
APPLICATIONS
960 - 1220 MHz
• JTRS
• LOW LOSS
• HIGH ISOLATION
• EXCELLENT PHASE/AMPLITUDE BALANCE
• SURFACE MOUNT
• TAPE & REEL AVAILABLE
The Multi-Mix
® QHDZ series provides a 3 dB 90° coupling with low insertion loss, low VSWR, and high
isolation. Accurate phase and amplitude balance make this series ideal for use in IQ networks, power
amplifiers, radio transceivers, receiver multicouplers and RF signal distribution and processing equip-
ment.
QHDZ quad hybrids are fusion bonded multilayer stripline devices. The fusion bonding process yields
a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance
that is superior to conventional adhesive bonding techniques.
QHDZ-2H-1.1G
TECHNICAL DESCRIPTION
PRELIMINARY REV: 002, 11/30/05
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
.075
[1.905]
.560
[14.224]
.350
[8.890]
.059
[1.499]
.040
[1.016]
TYP.
TYP.
PORT 1
PORT 2
PORT 4
PORT 3
P
P
W
K
B
1
0
0
0
ENGLISH (in)
W
1.2598 0.6299
P10
P
0.1575
0
A
0.3598
B0
0
K
METRIC (mm) 32.00
16.00 4.00
9.14
14.47
2.03
0.5697 0.0799
DIRECTION OF FEED
"A"
"A"
SECTION "A"-"A"
A
0
PAD 1
MARKED SIDE UP
QHDZ-2H-1.1G


Similar Part No. - QHDZ-2H-1.1G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.6G MERRIMAC-QHDZ-2H-1.6G Datasheet
140Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.9G MERRIMAC-QHDZ-2H-1.9G Datasheet
133Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHDZ-2H-1.1G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.33G MERRIMAC-QHDZ-2BH-0.33G Datasheet
156Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2N-2.1G MERRIMAC-QHD-2N-2.1G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2SH-1.9G MERRIMAC-QHD-2SH-1.9G Datasheet
158Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com