Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP550PLGR-SLI Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP550PLGR-SLI
Description  550 Watts EPS12V & ATX12V Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP550PLGR-SLI Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP550PLGR-SLI Datasheet HTML 1Page - Sparkle Power Inc. FSP550PLGR-SLI Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 10A (RMS) @115Vac, 5A (RMS) @230Vac
Inrush Current: 80A Max for 115Vac, 120A Max for 230Vac Cold
Start
Output Characteristics
Output Voltage
Minimum Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.4A
27A
+ 5%/-4%
± 1%
50mV P-P
+5V
3.0A
29A
+ 5%/-4%
± 1%
50mV P-P
+12V
1.5A
36A
+ 5%/-4%
± 1%
120mV P-P
-5V
0.0A
0.3A
± 10%
± 2%
120mV P-P
-12V
0.0A
0.8A
+ 9%/-5%
± 2%
120mV P-P
+5Vsb
0.0A
2.0A
+ 5%/-4%
± 1%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* +3.3V, +5V, and +12V total output cannot exceed 528W
Specification
Temperature Range: Operating: 0°C ~ +25°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 5 ~ 95% on operating and storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 63% minimum measured at nominal AC main
voltage and frequency with maximum load on all outputs
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm/5.5x5.9x3.4in
Features
Complied with EPS12V and ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B, and CISPR 22
class B
Approved
or VDE EN60950, NEMKO EN60950 (CB Report), CE
by UL60950, CSA C22.2 NO. 60950, TUV EN60950
FSP550PLGR-SLI (SLI Ready)
550 Watts EPS12V & ATX12V Switching Power Supply
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - FSP550PLGR-SLI

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP550PLG-SLI SPI-FSP550PLG-SLI Datasheet
800Kb / 2P
   550 Watts EPS12V & ATX12V Switching Power Supply
More results

Similar Description - FSP550PLGR-SLI

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP550PLG-SLI SPI-FSP550PLG-SLI Datasheet
800Kb / 2P
   550 Watts EPS12V & ATX12V Switching Power Supply
FSP550-80ETN SPI-FSP550-80ETN Datasheet
1Mb / 1P
   550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP550-60PLG SPI-FSP550-60PLG Datasheet
140Kb / 1P
   550 Watts EPS12V Switching Power Supply
FSP550-60PLN SPI-FSP550-60PLN Datasheet
144Kb / 1P
   550 Watts EPS12V Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI700ACH5B SPI-SPI700ACH5B Datasheet
296Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com