Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QHDZ-2BH-0.33G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHDZ-2BH-0.33G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHDZ-2BH-0.33G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHDZ-2BH-0.33G Datasheet HTML 1Page - Merrimac Industries, Inc. QHDZ-2BH-0.33G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
(MHz)
INSERTION LOSS
(dB MAX)
AMPLITUDE BALANCE
(dB MAX)
PHASE BALANCE
225 - 400
0.20
± 0.4
90 ± 3°
ISOLATION
(dB MIN)
VSWR
(MAX, ALL
PORTS)
AVERAGE POWER
(WATTS, MAX.)
RF
INTERFACE
OPERATING TEMPERATURE
20
1.20:1
125
Leadless Surface Mount
-55° - +95° C
QUAD HYBRID
FEATURES
APPLICATIONS
• 225 - 400 MHz
• BASE STATION POWER
• LOW LOSS
AMPLIFIERS
• HIGH ISOLATION
• EXCELLENT PHASE/AMPLITUDE BALANCE
• HIGH POWER HANDLING
• SURFACE MOUNT
The QHDZ-2BH-0.33G series is a member of the Multi-Mix QHDZ family of 3-dB 90° couplers for use in
the 225-400 MHz range. The QHDZ-2BH-0.33G exhibits low insertion loss, low VSWR, and high isola-
tion. Excellent phase and amplitude balance and high RF power handling capability make this series
ideal for use in base station power amplifiers in particular and radio transceivers, receiver/antenna multi-
couplers and RF signal distribution and processing equipment in general.
The construction of QHDZ quad hybrids is based on fusion bonded multiplayer stripline structures. The
fusion bonding process yields homogeneous monolithic dielectric structures with reliability, ruggedness,
and electrical and thermal performance that are superior to conventional adhesive bonding techniques.
QHDZ-2BH-0.33G
TECHNICAL DESCRIPTION
REV: 004, 09/21/06
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
0.080 TYP.
0.080 TYP.
0.500
1.000
0.050 TYP.
0.050 TYP.
PORT 4
PORT 1
PORT 2
PORT 3
0.070
QHDZ-2BH-0.33G
P
P
W
K
B
1
0
0
0
ENGLISH (in)
W
1.732
0.63
P10
P
0.157
0
A
0.512
B0
0
K
METRIC (mm) 44.00
16.00 4.00
13.00
25.70
3.67
1.012
0.144
DIRECTION OF FEED
"A"
"A"
SECTION "A"-"A"
A
0
PAD 1
MARKED SIDE UP


Similar Part No. - QHDZ-2BH-0.33G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.15G MERRIMAC-QHDZ-2BH-0.15G Datasheet
157Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHDZ-2BH-0.33G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2H-1.1G MERRIMAC-QHDZ-2H-1.1G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2N-2.1G MERRIMAC-QHD-2N-2.1G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2SH-1.9G MERRIMAC-QHD-2SH-1.9G Datasheet
158Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com