Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF+28515T Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MHF+28515T
Description  MHF Single, Dual and Triple DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF+28515T Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MHF+28515T Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 6Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 7Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 8Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 9Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 10Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 11Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 12Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MHF+ Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 20
Rev K - 20060613
www.craneae.com
28 VOLT INPUT – 15 WATT
SINGLE OUTPUT MODELS
MHF+2812S
MHF+2815S
MHF+2828S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
11.88 12.00 12.12
14.85 15.00 15.15
27.72 28.00 28.28
VDC
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
1.25
0
1.00
0
0.54
A
OUTPUT POWER
VIN = 16 to 40 VDC
0
15
0
15
0
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
30
80
30
80
60
120
mV p-p
VOLTAGE
Tc = –55°C to +125°C
50
120
50
120
100
180
LINE REGULATION
Vin = 16 to 40 VDC
5
50
5
50
50
150
mV
LOAD REGULATION
NO LOAD TO FULL
20
50
20
50
50
150
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
50
50
50
V
INPUT CURRENT
NO LOAD
25
50
25
62
25
60
FULL LOAD
680
752
670
752
640
760
mA
INHIBITED
5
12
5
12
5
12
INPUT RIPPLE
10 kHz - 10 MHz
35
80
35
80
35
80
CURRENT
Tc = –55°C to +125°C
120
120
120
mA pp
EFFICIENCY
78
79
78
80
82
84
%
LOAD FAULT1
SHORT CIRCUIT
POWER DISSIPATION
3.5
6
3.5
6
3.5
6
W
RECOVERY2
7.5
30
7.5
30
7.5
30
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
–500
150
500
–600
200
600
–800
600
800
mV pk
RECOVERY2
150
300
150
300
200
400
μs
STEP LINE RESP.
16 – 40 – 40 VDC
TRANSIENT3
–800
550
800
–800
550
800
–1200 1100 1200
mV pk
RECOVERY2
0.8
1.2
0.8
1.2
0.8
1.2
ms
START-UP
DELAY
0
10
25
0
10
25
0
10
25
ms
OVERSHOOT4
0
200
1200
0
200
1500
0
200
280
mV pk
Notes
1. Indefinite short circuit protection not guaranteed above 125°C
(case)
2. Recovery time is measured from application of the transient to point
at which Vout is within regulation.
3. Input step transition time >10 μs.
4. Input step transition time <100 μs.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.


Similar Part No. - MHF+28515T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF-10 ADAM-TECH-MHF-10 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-14 ADAM-TECH-MHF-14 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-16 ADAM-TECH-MHF-16 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-20 ADAM-TECH-MHF-20 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-24 ADAM-TECH-MHF-24 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF+28515T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com