Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHV2805DF Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MHV2805DF
Description  MHV Single, Dual and Triple DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2805DF Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MHV2805DF Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2805DF Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
MHV283R3S
MHV2805S
MHV2812S
MHV2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
3.27
3.30
3.33
4.95
5.00
5.05
11.88
12.00 12.12
14.85 15.00
15.15
VDC
OUTPUT CURRENT
VIN = 16 to 50 VDC
0
3.03
0
3.0
0
1.25
0
1.0
A
OUTPUT POWER
VIN = 16 to 50 VDC
0
10
0
15
0
15
0
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
VOLTAGE
Tc = –55°C to +125°C
5
25
5
25
5
25
5
25
mV p-p
LINE REGULATION
VIN = 16 to 50 VDC
0
8
0
8
1
10
4
13
mV
LOAD REGULATION
NO LOAD TO FULL
15
30
15
40
8
30
10
35
mV
INPUT VOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
16
28
50
VDC
NO LOAD TO FULL1
TRANSIENT 120 ms
80
80
75
60
V
INPUT CURRENT
NO LOAD
34
42
44
52
43
55
45
62
mA
INHIBITED
8.4
10
8.4
10
8.4
10
8.4
10
mA
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
10
45
10
40
10
40
10
40
mA pp
EFFICIENCY
69
72
74
77
79
81
78
81
%
LOAD FAULT2
POWER DISSIPATION
SHORT CIRCUIT2
——
7
8
7
7
W
RECOVERY1
20
20
20
20
ms
STEP LOAD
50% – 100% – 50%
RESPONSE3
TRANSIENT
300
300
350
450
mV pk
RECOVERY
1
1.5
1.3
1.3
mS
START-UP
DELAY
14
18
14
18
14
18
14
18
ms
0 TO 28 VIN
OVERSHOOT
0
100
0
100
0
120
0
150
mV pk
STEP LINE
16-50-16 VDC4
RESPONSE1
TRANSIENT
175
550
550
650
mVpk
RECOVERY4
0.9
2
2.5
2.5
mS
CAPACITIVE LOAD1
200
200
200
200
μF
Notes
1. Guaranteed by design, not tested.
2. Load fault is a short circuit (<50 mΩ). Recovery is into a resistive load.
3. Load step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
4. Input step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.


Similar Part No. - MHV2805DF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV2805DF/883 INTERPOINT-MHV2805DF/883 Datasheet
241Kb / 14P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHV2805DF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com