Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP250-60GTV Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP250-60GTV
Description  250 Watts ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP250-60GTV Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP250-60GTV Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 95~132/190~264V AC, Manual-select
Frequency: 47~63Hz
Input Current: 10A (RMS) @115V AC, 5A (RMS)
@230VAC
Inrush Current: 60A Max for 115V AC Cold Start
Specification
Temperature Range: Operating 0° C ~ +50° C on full
load; storage & shipping -20° C ~ +65° C
Humidity: 90% on operating and 95% on storage
Dielectric Withstand: Primary to frame ground 1800V
AC for 1 second
Efficiency: 65% at minimum measured at nominal AC
main voltage and frequency with maximum load on all
output
Rise Time: Less than 20ms on all outputs
Hold-up Time: 16.6ms minimum at 115V/60Hz; 20ms
minimum at 230V/50Hz input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 150x86x140mm/5.9”x3.4”x5.5”
inches
Features
Complied with ATX and ATX12V standard
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included
Noise Killer (Thermal fan speed control function)
Low noise and ripple
Complies with FCC part 15 subpart J class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL 1950, CSA C22.2 Level 3, TUV EN60950,
Nemko (CB Report)
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP250-60GTV (For Pentium 4 and Athlon XP)
250 Watts ATX12V Switching Power Supply
Output Characteristics
Output
Voltage
Minimum Load
Maximum Load
Load
Reg.
Line
Reg.
Ripple & Noise
+3.3V
0.3A
12.12/20A
± 5%
± 1%
50mV P-P
+5V
0.5A
27/21.8A
± 5%
± 1%
50mV P-P
+12V
0.0A
13A
± 5%
± 1%
120mV P-P
-5V
0.0A
0.3A
± 10%
± 2%
120mV P-P
-12V
0.0A
0.8 A
± 10%
± 2%
120mV P-P
+5Vsb
0.0A
2.0 A
± 5%
± 1%
50mV P-P
*+5V and +3.3V total output not exceed 175W
*When +3.3V is load to 20A, the +5V maximum load is 21.8A
*When +3.3V is load to 12.1A, the +5V maximum load is 27A
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - FSP250-60GTV

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-60GTB SPI-FSP250-60GTB Datasheet
75Kb / 1P
   250 Watts ATX12V Switching Power Supply
More results

Similar Description - FSP250-60GTV

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
ATX-250GU SPI-ATX-250GU Datasheet
230Kb / 2P
   250 Watts ATX12V Switching Power Supply
FSP250-60ATV SPI-FSP250-60ATV Datasheet
76Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-60PLN SPI-FSP250-60PLN Datasheet
423Kb / 2P
   250 Watts ATX12V Switching Power Supply
FSP250-60PFN SPI-FSP250-60PFN Datasheet
77Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-60GRE SPI-FSP250-60GRE Datasheet
77Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-60GTB SPI-FSP250-60GTB Datasheet
75Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-60EGA SPI-FSP250-60EGA Datasheet
84Kb / 1P
   250 Watts ATX12V 2.3 Switching Power Supply
FSP250-60THA SPI-FSP250-60THA Datasheet
76Kb / 1P
   250 Watts ATX12V 2.0 Switching Power Supply
SPI2501UH SPI-SPI2501UH Datasheet
299Kb / 1P
   250 Watts ATX12V 1U Switching Power Supply
FSP250-50LC1U SPI-FSP250-50LC1U Datasheet
150Kb / 1P
   250 Watts ATX12V, 1U Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com