Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHV283R3S Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MHV283R3S
Description  MHV Single, Dual and Triple DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV283R3S Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MHV283R3S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV283R3S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
TRIM – SINGLE OUTPUT MODELS ONLY
Formula Values by Model
3.3V
5V
12V
15V
A
3.7
3.7
14
18.2
B
10
10
30
30
Trim down: RT (kΩ) =
(
(Vo – 2.5)
) A– B
Vo nominal – V0
Trim up:
RT (kΩ) =
(
2.5A
) –B
Vo – Vo nominal
Vo = desired output voltage
Positive Input
1
10
Input Common
MHV
2
4
Case*
*The case ground connection should be as low an impedance as possible to minimize EMI.
Direct contact of baseplate to chassis ground provides the lowest impedance.
Chassis Ground
6, 7, 8
Positive Input
1
5
28V
Input Common
FMC-461
or FMH-461
EMI FILTER
Positive Output
Output Common
3
MODEL
% V
OUT NOMINAL
110
106
102
95
90
80
MHV283R3S
18
36
128
4
n/a
n/a
MHV2805S
8
208123
5
n/a
MHV2812S
n/a
19
116
177
67
11
MHV2815S
0.3
21
122
255
104
28
FIGURE 5: EMI FILTER CONNECTION
Positive Input
1
9
2
10
28V
Sync In
Inhibit (pin 8 on triple
output models)
Input Common
MHV
FIGURE 6: MHV SINGLE OUTPUTTRIM
Notes
If calculated result is a negative value, the desired output voltage is outside the allowed trim range.
Calculated values of RT are ±15%.
When trimming up, do not exceed the maximum output power.
When trimming down, do not exceed the maximum output current.
Calculated Trim
Quick Reference Trim Table
RTRIM ( (RT) k ohms
3
TRIM
RT
5
4
+VO
OUTPUT
COMMON
MHV
SINGLE
OUTPUT
TRIM DOWN
TRIM UP
FIGURE 4: TYPICAL CONNECTIONS


Similar Part No. - MHV283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
   DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
MHV283R3S/883 INTERPOINT-MHV283R3S/883 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
MHV283R3SF/883 INTERPOINT-MHV283R3SF/883 Datasheet
241Kb / 14P
   DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
More results

Similar Description - MHV283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com