Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT245 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT245
Description  High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT245 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HCT245 Datasheet HTML 1Page - Texas Instruments CD74HCT245 Datasheet HTML 2Page - Texas Instruments CD74HCT245 Datasheet HTML 3Page - Texas Instruments CD74HCT245 Datasheet HTML 4Page - Texas Instruments CD74HCT245 Datasheet HTML 5Page - Texas Instruments CD74HCT245 Datasheet HTML 6Page - Texas Instruments CD74HCT245 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Drain Current, per Output, IO
For -0.5V < VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . . . . . . .±35mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Thermal Resistance (Typical, Note 3)
. . . .θJA (oC/W)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
125
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
120
N/A
CERDIP Package . . . . . . . . . . . . . . . .
100
40
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oCTO125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
CD54HC245, CD54HCT245, CD74HC245, CD74HCT245
CD54HC245, CD54HCT245, CD74HC245, CD74HCT245


Similar Part No. - CD74HCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT245 TI-CD74HCT245 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245 TI1-CD74HCT245 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245E TI-CD74HCT245E Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245E TI1-CD74HCT245E Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HCT245EE4 TI-CD74HCT245EE4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD74HCT245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com